Electronic Components Datasheet Search
  English  ▼

X  

D89 Datasheet(PDF) 1 Page - 3M Electronics

Part # D89
Description  IDC Ribbon Cable Socket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D89 Datasheet(HTML) 1 Page - 3M Electronics

  D89 Datasheet HTML 1Page - 3M Electronics D89 Datasheet HTML 2Page - 3M Electronics D89 Datasheet HTML 3Page - 3M Electronics D89 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ IDC Ribbon Cable Socket
.100” × .100” for .050” Pitch Cable
D89 Series
• Preassembled, packaging on swords for easy loading
of manual and semi-automatic assembly equipment
• Bulk packaging option for maximum economy
• “Bumps” are designed to prevent premature latch
locking during shipment
• Optional double-sided adhesive pull tab for easy
• unplugging
• Double-recessed cover for cable terminating from
either side virtually eliminating the need for single-
recessed cover connectors
• Military polarization, with or without centerbump
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the “RoHS compliance” section
of www.3Mconnectors.com for compliance
information (RIA E1 & C1 apply)
Date Modified: January 6, 2012
TS-2243-F
Sheet 1 of 3
Physical
Insulation:
Material: Glass Filled Polyester
Flammability: UL 94V-0
Color: Gray
Contact:
Material: Phosphor Bronze
Plating:
Underplating: 50 μ” [ 1.27 μm ] Nickel
Wiping Area: 15 μ” [ 0.38 μm ] Gold
Wire Accommodation: 26 and 28 AWG Stranded
Marking: 3M Logo and Orientation Triangle
Electrical
Current Rating:
1 line
6 Adjacent Lines
All Lines
28 AWG
4.25
1.75
1.25
26 AWG
4.50
2.25
1.50
Rating Conditions: EIA-364-070 Method 2, 30°C maximum temperature rise, 20%
derated. Reference appropriate 3M Product Specification for detailed current
derating curves.
Insulation Resistance: > 1 × 109Ω at 500 V
DC
Withstanding Voltage: 1,000 V
RMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
UL File No.: E68080


Similar Part No. - D89

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
D89-004-5887B MITSUMI-D89-004-5887B Datasheet
74Kb / 2P
Mini Serial Bus Connectors (B TYPE)
logo
ZIEHL industrie-elektro...
D890110 ZIEHL-D890110 Datasheet
361Kb / 2P
Universal-Display MINIPAN 350V in Housing for DIN-Rail-Mount
D890210 ZIEHL-D890210 Datasheet
361Kb / 2P
Universal-Display MINIPAN 350V in Housing for DIN-Rail-Mount
D890310 ZIEHL-D890310 Datasheet
361Kb / 2P
Universal-Display MINIPAN 350V in Housing for DIN-Rail-Mount
logo
Mallory Sonalert Produc...
D898600 MSPI-D898600 Datasheet
44Kb / 1P
Rated Voltage: 24 VAC/DC
More results

Similar Description - D89

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
IDC IDC CABLE SOCKET
DBCIDCA3230CGB1 DUBILIER-DBCIDCA3230CGB1 Datasheet
99Kb / 1P
IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1_11 Datasheet
321Kb / 2P
IDC IDC CABLE SOCKET 1.27mm
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
IDC IDC CABLE SOCKET
logo
3M Electronics
D3448-89108 3M-D3448-89108 Datasheet
479Kb / 4P
IDC Ribbon Cable Socket
21-Aug-2013
logo
Adam Technologies, Inc.
MR64-PE-34 ADAM-TECH-MR64-PE-34 Datasheet
88Kb / 1P
RIBBON CABLE IDC TYPE
MR64-SE-34 ADAM-TECH-MR64-SE-34 Datasheet
77Kb / 1P
RIBBON CABLE IDC TYPE
MRXX-SE-14 ADAM-TECH-MRXX-SE-14 Datasheet
131Kb / 1P
IDC MINIATURE RIBBON SOCKET
MRXX-SE-34 ADAM-TECH-MRXX-SE-34 Datasheet
129Kb / 1P
IDC MINIATURE RIBBON SOCKET
MRXX-SF-3 ADAM-TECH-MRXX-SF-3 Datasheet
133Kb / 1P
IDC MINIATURE RIBBON SOCKET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com