Electronic Components Datasheet Search
  English  ▼

X  

440 Datasheet(PDF) 1 Page - Dremel

Part # 440
Description  Sanding
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DREMEL [Dremel]
Direct Link  https://www.dremel.com/us/en
Logo DREMEL - Dremel

440 Datasheet(HTML) 1 Page - Dremel

  440 Datasheet HTML 1Page - Dremel  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DREMEL-Trade-Catalogue 2006/2007
36
Sanding
1. Sanding Bands
407
408
432
430
431
438
439
440
444
For rough shaping and smoothing wood and fiberglass, removing rust from metal surfaces and shaping
rubber surfaces. Sanding bands are easily replaceable.
Model
Quantity
Working ø mm
Shank ø mm
Grit
Ordernumber
EAN
407
1
13,0
3,2
60
2615040732
8710364007226
408
6
13,0
3,2
60
2615040832
8710364007233
432
6
13,0
3,2
120
2615043232
8710364007264
430
1
6,4
3,2
60
2615043032
8710364007240
431
6
6,4
3,2
60
2615043132
8710364007257
438
6
6,4
3,2
120
2615043832
8710364007271
439
1
9,5
3,2
60
2615043932
8710364008391
440
6
9,5
3,2
60
2615044032
8710364008407
444
6
9,5
3,2
120
2615044432
8710364008414
2. Flapwheels
502
504
Perfect for sanding flat or contoured surfaces on metal, wood, rubber or plastic.
Model
Quantity
Working ø mm
Shank ø mm
Grit
Ordernumber
EAN
502
1
28,6
3,2
80
2615050232
8710364015252
504
1
28,6
3,2
80
2615050432
8710364015269


Similar Part No. - 440

ManufacturerPart #DatasheetDescription
logo
Littelfuse
440 LITTELFUSE-440 Datasheet
200Kb / 4P
Surface Mount Fuses
logo
Intel Corporation
440 INTEL-440 Datasheet
1Mb / 100P
Supporting the Intel Celeron processor
440 INTEL-440 Datasheet
1Mb / 71P
Celeron M Processor on 65 nm Process
logo
FACOM. All rights reser...
440 FACOM-440 Datasheet
241Kb / 1P
440 OGVJ metric and inch combination wrenches
logo
Multicomp Pro
440-050 MULTICOMP-440-050 Datasheet
266Kb / 1P
Battery Holders
08/06/22 V1.0
More results

Similar Description - 440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28940 ETC2-28940 Datasheet
139Kb / 1P
Selected sanding and polishing bits for all surfaces and longest
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com