Electronic Components Datasheet Search
  English  ▼

X  

SII9033 Datasheet(PDF) 2 Page - Silicon image

Part # SII9033
Description  HDMI Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9033 Datasheet(HTML) 2 Page - Silicon image

  SII9033 Datasheet HTML 1Page - Silicon image SII9033 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2005 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SiI, SiI 9033, and TMDS
are trademarks or registered trademarks of Silicon Image, Inc. in the United States and other countries.
Other trademarks are the property of their respective holders. Product specifications are subject to change
without notice. Printed in the U.S.A. 12/05 SiI PB-0068
Silicon Image, Inc.
1060 E. Arques, Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com
Si
I
9033 Features
HDMI Receiver
Industry-Standard
Compliance
• HDMI 1.2
• DVI 1.0
• EIA/CEA-861C
• HDCP 1.1
Digital Video Output
• Dual integrated cores
• Supports DTV (480i/576i/480p/
576p/720p/1080i/1080p) and PC
(VGA/XGA/SXGA/WSXGA.UXGA)
resolutions
• Flexible digital video interface
- 24-bit RGB/YCbCr 4:4:4
- 16/20/24-bit YCbCr 4:2:2
- 8/10/12-bit YCbCr 4:2:2 (ITU-R BT.656)
- 12-bit digital media interface
• Integrated RGB <—> YCbCr color space
conversion
• 4:2:2 <—> 4:4:4 converter
Digital Audio Output
• Industry-standard S/PDIF and I2 S output
• Supports high-end audio including SACD
and DVD-Audio
- 2-ch. 32-192kHz or
- 8-ch. 32-192kHz
• Programmable I 2 S output supports
numerous low-cost audio DACs
• Supports IEC60958 2-channel PCM
• Capable of carrying IEC61937
compressed audio (Dolby Digital,
DTS, etc.)
Content Protection
• Integrated HDCP cipher engine
• Built-in HDCP BIST
• Pre-programmed HDCP keys
- Simplify manufacturing process
- Most secure solution available
- Lower system, manufacturing costs
• New built-in HDCP self-test
• Supports HDCP repeater capability
• Decrypts both video and audio
System Operation
• Register-programmable via slave I2C
interface
• Auto video mode simplifies design
• Auto audio mode allows more robust
system
• Flexible interrupt registers with
interrupt pin
Power Management
• 1.8 V core provides low-power operation
• Flexible power-down modes
Silicon Image ’s
SiI 9033 Starter Kit
(CP9033HDMI)
Contents include:
Hardware
• SiI 9033 Receiver Daughter Board
• HDMI to HDMI cable
Software
• HDMIGear Receiver Software Tool
Documentation
• User’s Guide
• Schematics
• Bill of Materials (BOM)
Part Number -
SiI9033CTU: 25-165MHz
Q[23:0]
VSYNC
HSYNC
ODCK
DE
SCDT
EVNODD
INT
I2C
Registers
and
Configuration
Logic
Si
I
9033
TMDS
Core 0
HDCP
Keys
ROM
Tx0
Tx1
Tx2
TxC
RESET#
CSDA
CSCL
DSDA0
DSCL0
I2C
I2C
XOR
Mask
HDCP
Decryption
Engine
TMDS
Core 1
MCLKOUT
MCLK
Gen
SPDIF
DSD
SD0
SCK
WS
MUTE OUT
XTAL
Digital
MUX
DSDA1
DSCL1
Tx0
Tx1
Tx2
TxC
RGB<—>YCbCr
Color Space
Converter/
4:2:2<—>4:4:4
Converter
Audio
Decode
Logic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com