Electronic Components Datasheet Search
  English  ▼

X  

PLH Datasheet(PDF) 2 Page - Thurlby Thandar Instruments Ltd.

Part # PLH
Description  120V & 250V linear regulated laboratory power supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

PLH Datasheet(HTML) 2 Page - Thurlby Thandar Instruments Ltd.

  PLH Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. PLH Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. PLH Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. PLH Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. PLH Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. PLH Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. PLH Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PLH Series
higher voltages without lower performance
As technology has changed, many products have moved from analog
controls to digital ones. Although digital controls suit many instruments,
they do not necessarily suit a bench power supply.
Customer research shows that many users prefer the speed and
simplicity of conventional analog controls for setting voltage and current.
Digital controls may offer greater precision, but often at the expense of
ease-of-use.
With this in mind, the PLH series has retained the true analog controls of
its best-selling sister products, the PL series.
The main disadvantage of analog controls is stability and security. The
settings of analog potentiometers can drift over time. More importantly,
the settings can be changed accidentally with potentially serious
consequences.
The PLH series incorporates S-Lock. One press of the Lock button
transfers control of voltage and current from the analog controls to
internal digital circuitry.
This offers not just complete security, but exceptional stability as well
with each setting controlled by an instrumentation quality DAC.
Linear regulation for best performance
Linear regulation still offers the lowest output noise and the best transient
response (recovery time from a sudden current step).
Despite the high output voltages, the PLH series maintains output noise figures
of below 2mV, and transient recovery times of better than 250µs.
In addition, the lack of a high frequency switching circuit reduces radiated
noise and common mode signals enabling the PLH series to be used in sensitive
environments.
Choose a voltage range that suits your task
When working with any particular piece of equipment, engineers often require a voltage
source variable over only a narrow range. Set the voltage too high and damage might occur,
set it too low and the circuit may reset.
That’s where the V-Span function of the PLH series comes in. It allows the user to redefine
the end-stop values of the voltage control to define a specific voltage range.
For example:
An engineer is working on a circuit that will eventually
operate from a peak rectified 110V rms ±5% supply.
They use V-Span to set a Vmax of 164 volts (to prevent
over-voltage damage) and a Vmin of 147 volts (to ensure
that the circuit doesn’t reset).
They now have a power supply which provides high
resolution analog control over the exact voltage range they
need.
Vmin and Vmax can be set anywhere between zero and
maximum output voltage subject only to Vmax > (Vmin + 1V).
The fine control gives additional adjustment of ±1%.
Once set, the voltage span function can be turned on or off at the press of a button*.
Higher voltage power supplies from Europe’s leading manufacturer
The PLH series is a development of the
best-selling New PL series of laboratory
bench power supplies which is available
in 15V, 30V and 60V variants (covered in a
separate brochure and on our web site). 
The PLH series retains the ultra compact
format, high power density, and smart
analog controls of the PL series but offers
voltages up to 250V to cover applications
beyond the capabilities of standard bench
PSUs and into areas such as magnetics.
TTi has been at the forefront of laboratory power supply design for
around thirty years during which it has re-defined the state-of-the-art for
switch mode products with its innovative Mixed-mode and PowerFlex
regulator designs.
Demand for linear regulated PSUs has remained strong and continuing
development of linear models has generated the lower cost ELR series,
and the advanced QL series in addition to the ever popular PL series.
The PLH and PLH-P series of linear regulated higher voltage dc power
supplies joins a large family of PSUs with power levels from 15 watts up
to 1200 watts.
See our web site for full details.
Analog controls with digital stability
Lock your settings
at the touch of
a button !
PLH series - 120V & 250V linear regulated laboratory power supplies



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com