Electronic Components Datasheet Search
  English  ▼

X  

PL601 Datasheet(PDF) 1 Page - Thurlby Thandar Instruments Ltd.

Part # PL601
Description  Laboratory Power Supplies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

PL601 Datasheet(HTML) 1 Page - Thurlby Thandar Instruments Ltd.

  PL601 Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For more complete information on any product, please visit our web site: www.aimtti.com
Measurably better value
Model
Outputs
Voltage / Current
Power
Interfaces
PL068
One
0 to 6V / 0 to 8A
48W
PL155
One
0 to 15V / 0 to 5A
75W
-
PL303
One
0 to 30V / 0 to 3A
90W
-
PL601
One
0 to 60V / 0 to 1.5A
90W
-
PL303QMD
Two
2 x (0 to 30V / 0 to 3A) 180W
-
PL303QMT
Three
2 x (0 to 30V / 0 to 3A)
+ 0 to 6V / 0 to 8A
228W
PL068P
One
0 to 6V / 0 to 8A
48W RS232/USB/LAN
PL155P
One
0 to 15V / 0 to 5A
75W RS232/USB/LAN
PL303P
One
0 to 30V / 0 to 3A
90W RS232/USB/LAN
PL601P
One
0 to 60V / 0 to 1.5A
90W RS232/USB/LAN
PL303QMDP
Two
2 x (0 to 30V / 0 to 3A) 180W RS232/USB/LAN
PL303QMTP
Three
2 x (0 to 30V / 0 to 3A)
+ 0 to 6V / 0 to 8A
228W RS232/USB/LAN
Brief specifications for main outputs:
Line & load regulation: <0.01%. Output noise: < 0.4mV rms.
Meter accuracies: voltage - 0.1% ± 1digit, current - 0.3% ± 3 digits.
Sizes: singles - 105 x 130 x 290/315mm; dual - 210 x 130 x 290mm
triple - 315 x 130 x 290mm (WxHxD)
manual & bus programmable -
Laboratory Power Supplies
High performance power supplies
Single, dual and triple outputs
Linear regulation, 48W to 228W
Manual or bus programmable
RS-232, USB, LAN or GPIB
The New PL series represents the
successor to best-selling PL series which
became an “industry standard”.
This ultra-compact linear regulated
design retains the traditional analog
controls of the PL but adds important
digital features.
PL & PL-P series
Linear regulation provides ultra-low noise
Highly compact (¼ rack 3U) with small bench footprint
True analog controls with advanced digital features
Settings can be locked at the touch of a button
4 digit voltage and current meters on each output
Low current range with 0.1mA resolution
Constant voltage or constant current operation
Independent, tracking or true parallel modes (QMD & QMT)
High current (8A), high precision (1mV resolution) output
on PL303QMT
Front and rear power and sense terminals (PL-P models)
Analog remote control (PL-P single output models)
RS-232, USB and LAN/LXI interfaces (PL-P models)
GPIB optional
The New PL series is the solution for users requiring
an advanced linear regulated precision bench
power supply that retains conventional analog
controls.
It’s ultra-compact design uses minimal space on the
bench or in the rack.
The New PL-P series offers the same manual
control features but adds full remote control using
analog, RS232, USB and LAN interfaces, the latter
conforming with LXI.
When working with any piece of equipment,
engineers tend to require a voltage source
variable over only a narrow range.
That’s where the V-Span function comes in.
It allows the user to redefine the end-stop
values of the voltage control to create a
specific voltage range.
For example - An engineer is working on a
circuit that will operate from four NiMh cells.
They use V-Span to set a Vmax of 5.8 volts
(to prevent over-voltage damage) and a
Vmin of 3.6 volts (to ensure that the circuit
doesn’t reset).
They now have a power supply which
provides high-resolution analog control over
the exact voltage range they need.
The New PL-P series offers a comprehensive set of digital interfaces
including RS232, USB and LAN (Ethernet) as standard, with GPIB
optional.
The LAN interface is compliant with LXI-C. LXI (LAN eXtensions
for Instrumentation) is the next-generation, modular architecture
standard for automated test systems, and is expected to become
the successor to GPIB in many systems.
For more information
concerning LXI visit:
www.
aimtti.com/go/lxi
High voltage versions of PL Series
Manual or bus programmable
90W power at 120V or 250V
RS-232, USB, LAN or GPIB
Model
Outputs
Voltage / Current
Power
Interfaces
PLH120
One
0 to 120V / 0 to 0.75A 90W
-
PLH250
One
0 to 250V / 0 to 0.375A 94W
-
PLH120-P
One
0 to 120V / 0 to 0.75A 90W RS232/USB/LAN
PLH250-P
One
0 to 250V / 0 to 0.375A 94W RS232/USB/LAN
Brief specifications for main outputs:
Line & load regulation: <0.01%. Output noise: < 2mV rms.
Meter accuracies: voltage - 0.1% ± 1digit, current - 0.3% ± 3 digits.
Size: PLH - 105 x 130 x 290mm; PLH-P - 105 x 130 x 315mm
The PLH series has been developed from the New PL series (see
below) and retains all of its advanced features at output voltages of
120V or 250V.
Linear regulation offers the highest possible performance, and
the compact quarter-rack width design provides an impressive 90
watts of power. A low current range provides 0.01mA resolution.
PLH-P series units have the same comprehensive set of interfaces
as the PL-P (below), but with electrical isolation of the analog
inputs.
PLH & PLH-P series


Similar Part No. - PL601

ManufacturerPart #DatasheetDescription
logo
Thurlby Thandar Instrum...
PL601 AIM-TTI-PL601 Datasheet
2Mb / 9P
New PL series - advanced linear regulated laboratory power supplies
PL601 AIM-TTI-PL601 Datasheet
695Kb / 1P
Laboratory Power Supplies
PL601 AIM-TTI-PL601 Datasheet
1Mb / 7P
120V & 250V linear regulated laboratory power supplies
PL601-P AIM-TTI-PL601-P Datasheet
2Mb / 9P
New PL series - advanced linear regulated laboratory power supplies
PL601-P AIM-TTI-PL601-P Datasheet
1Mb / 7P
120V & 250V linear regulated laboratory power supplies
More results

Similar Description - PL601

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SL-SERIES STEALTH_MICROWAVE-SL-SERIES Datasheet
97Kb / 1P
LABORATORY MODEL
logo
Extech Instruments Corp...
382275 EXTECH-382275 Datasheet
146Kb / 1P
600W Single Output Laboratory Grade DC Power Supply
logo
Advantech Co., Ltd.
PS-700ATX-ZE ADVANTECH-PS-700ATX-ZE Datasheet
130Kb / 1P
Power Supplies
logo
Axiomtek Co., Ltd.
PS300-XP2 AXIOMTEK-PS300-XP2 Datasheet
195Kb / 2P
Power Supplies
logo
Extech Instruments Corp...
382275 EXTECH-382275_15 Datasheet
146Kb / 1P
600W Single Output Laboratory Grade DC Power Supply
382276 EXTECH-382276_15 Datasheet
146Kb / 1P
600W Single Output Laboratory Grade DC Power Supply
logo
SHENZHEN YONGERJIA INDU...
F21 WINNERJOIN-F21 Datasheet
90Kb / 2P
Underwriters Laboratory
logo
Bel Fuse Inc.
ABC400 BEL-ABC400 Datasheet
1Mb / 11P
Power Supplies
logo
ADL Embedded Solutions
ADLPS35-150 ADL-ADLPS35-150 Datasheet
910Kb / 2P
Power Supplies
ADLPS104ISO-150 ADL-ADLPS104ISO-150 Datasheet
391Kb / 1P
Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com