Electronic Components Datasheet Search
  English  ▼

X  

PT5L8LB2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PT5L8LB2
Description  Relay Package PT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT5L8LB2 Datasheet(HTML) 1 Page - Tyco Electronics

  PT5L8LB2 Datasheet HTML 1Page - Tyco Electronics PT5L8LB2 Datasheet HTML 2Page - Tyco Electronics PT5L8LB2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. HK1
Issued 2008/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Relay Package PT
F0274-D
I Relay package consisting of PT relay, DIN-rail socket, plastic
retaining clip, module and marking tag
I 2 pole 12 A, 3 pole 10 A or 4 pole 6 A
I DC- or AC coil
I Mechanical and electrical indicator
I Manual test tab, optionally lockable
Approvals
Relay:
VREG.-Nr. 115719, Z E214025, L00/20059(E2)
Socket:
V REG.-Nr. 115719, Z E135149
Technical data of approved types on request
Contact data
PT2
PT3
PT5
Contact configuration
2 CO
3 CO
4 CO
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
240 / 400 VAC 240 / 400 VAC 240 / 240 VAC
Rated current
12 A
10 A
6 A
Limiting continuous current
see derating curve
Maximum breaking capacity AC
3000 VA
2500 VA
1500 VA
Limiting making capacity, max 20 ms
24 A
20 A
12 A
Contact material
AgNi90/10, AgNi90/10 gold plated
Minimum contact load
12V /10mA, 20mV /1mA gold plated
Rated frequency of operation with / without load
6 / 600 min-1
Contact ratings
For contact ratings see datasheet
Miniature Relay PT
Coil data
Rated coil voltage range DC coil
6...220 VDC
AC coil
6...230 VAC
Operative range to IEC 61810 DC coil, AC-coil 50Hz
2
AC coil 60 Hz at 70°C, % of Urtd
90..110%
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
LED+PD*)
VDC
VDC
VDC
Ohm
mW
LB2
12
9.0
1.2
192+10%
750
LC4
24
18.0
2.4
777+10%
741
*) Protection diode PD
Coil versions, AC-coil 50 / 60 Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
LED
50 / 60 Hz
50 / 60 Hz
50 / 60 Hz
VAC
VAC
VAC
Ohm
VA
RC4
24
19.2 / 21.6
7.2
192+10%
1.0 / 0.79
SB5
115
92.0 / 103.5
34.5
4845+12%
1.0 / 0.86
TD0
230
184.0 / 207.0
69.0
19465+15%
1.0 / 0.90
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - PT5L8LB2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PT5L8LB2 TEC-PT5L8LB2 Datasheet
309Kb / 3P
Relay Package PT
04-2015, Rev. 0415
More results

Similar Description - PT5L8LB2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT2S7LB2 MACOM-PT2S7LB2 Datasheet
315Kb / 3P
Relay package consisting of PT relay, DIN-rail socket, plastic
PT270024 MACOM-PT270024_05 Datasheet
294Kb / 4P
Miniature Relay PT
2-1393154-0 MACOM-2-1393154-0 Datasheet
721Kb / 4P
Miniature Relay PT
2-1415039-1 MACOM-2-1415039-1 Datasheet
721Kb / 4P
Miniature Relay PT
2-1415075-1 MACOM-2-1415075-1 Datasheet
264Kb / 3P
Relay Package PT
2-1415366-1 MACOM-2-1415366-1 Datasheet
264Kb / 3P
Relay Package PT
2-1415529-1 MACOM-2-1415529-1 Datasheet
721Kb / 4P
Miniature Relay PT
2-1415535-0 MACOM-2-1415535-0 Datasheet
264Kb / 3P
Relay Package PT
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
Miniature Relay PT
PT78702 MACOM-PT78702 Datasheet
658Kb / 4P
Miniature Relay PT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com