Electronic Components Datasheet Search
  English  ▼

X  

SN74AC11IPWREP Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AC11IPWREP
Description  TRIPLE 3-INPUT POSITIVE-AND GATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC11IPWREP Datasheet(HTML) 1 Page - Texas Instruments

  SN74AC11IPWREP Datasheet HTML 1Page - Texas Instruments SN74AC11IPWREP Datasheet HTML 2Page - Texas Instruments SN74AC11IPWREP Datasheet HTML 3Page - Texas Instruments SN74AC11IPWREP Datasheet HTML 4Page - Texas Instruments SN74AC11IPWREP Datasheet HTML 5Page - Texas Instruments SN74AC11IPWREP Datasheet HTML 6Page - Texas Instruments SN74AC11IPWREP Datasheet HTML 7Page - Texas Instruments SN74AC11IPWREP Datasheet HTML 8Page - Texas Instruments SN74AC11IPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74AC11EP
TRIPLE 3INPUT POSITIVEAND GATE
SCLS557 − JANUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree†
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D 2-V to 6-V VCC Operation
D Inputs Accept Voltages to 6 V
D Max tpd of 7.5 ns at 5 V
description/ordering information
The SN74AC11 device contains three independent 3-input AND gates. This device performs the Boolean
function Y = A
• B • C or Y = A + B + C in positive logic.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
SOIC − D
Tape and reel
SN74AC11IDREP§
SAC11EP
−40
°C to 85°C
TSSOP − PW
Tape and reel
SN74AC11IPWREP
SAC11EP
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
§ Product Preview
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
OUTPUT
Y
H
H
H
H
L
XX
L
X
LX
L
X
X
L
L
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3A
3B
3C
3Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74AC11IPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC11IPWREP TI1-SN74AC11IPWREP Datasheet
494Kb / 10P
TRIPLE 3-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AC11IPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LV27A TI-SN74LV27A Datasheet
332Kb / 13P
TRIPLE 3 INPUT POSITIVE NOR GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
TRIPLE 3-INPUT POSITIVE-NOR GATE
SN74AC11-EP TI1-SN74AC11-EP Datasheet
494Kb / 10P
TRIPLE 3-INPUT POSITIVE-AND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LV11A-Q1 TI1-SN74LV11A-Q1 Datasheet
225Kb / 10P
TRIPLE 3-INPUT POSITIVE-AND GATE
SN74AC11-Q1 TI1-SN74AC11-Q1 Datasheet
232Kb / 10P
TRIPLE 3-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com