Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT1073 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ACT1073
Description  16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT1073 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT1073 Datasheet HTML 1Page - Texas Instruments SN74ACT1073 Datasheet HTML 2Page - Texas Instruments SN74ACT1073 Datasheet HTML 3Page - Texas Instruments SN74ACT1073 Datasheet HTML 4Page - Texas Instruments SN74ACT1073 Datasheet HTML 5Page - Texas Instruments SN74ACT1073 Datasheet HTML 6Page - Texas Instruments SN74ACT1073 Datasheet HTML 7Page - Texas Instruments SN74ACT1073 Datasheet HTML 8Page - Texas Instruments SN74ACT1073 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN74ACT1073
16-BIT BUS-TERMINATION ARRAY
WITH BUS-HOLD FUNCTION
SCAS193A − MARCH 1992 − REVISED NOVEMBER 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
UNIT
IIL
VCC = 4.5 to 5.5 V,
VI = 0.8 V
0.15
0.3
0.9
0.1
1
mA
IIH
VCC = 4.5 to 5.5 V,
VI = 2.5 V
−0.2
−0.5
−1.4
−0.15
−1.5
mA
VIKL
IIN = −18 mA
−1.5
−1.5
V
VIKH
IIN = 18 mA
VCC+2
VCC+2
V
ICC‡
VCC = 5.5 V,
Inputs open
4
40
μA
ΔICC§
One input at 3.4 V,
Other inputs at VCC or GND
0.9
1
mA
Ci
VI = VCC or GND
3
pF
† All typical values are at VCC = 5 V.
‡ Inputs may be set high or low prior to the ICC measurement.
§ This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com