Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT1073DW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT1073DW
Description  16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT1073DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT1073DW Datasheet HTML 1Page - Texas Instruments SN74ACT1073DW Datasheet HTML 2Page - Texas Instruments SN74ACT1073DW Datasheet HTML 3Page - Texas Instruments SN74ACT1073DW Datasheet HTML 4Page - Texas Instruments SN74ACT1073DW Datasheet HTML 5Page - Texas Instruments SN74ACT1073DW Datasheet HTML 6Page - Texas Instruments SN74ACT1073DW Datasheet HTML 7Page - Texas Instruments SN74ACT1073DW Datasheet HTML 8Page - Texas Instruments SN74ACT1073DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74ACT1073
16-BIT BUS-TERMINATION ARRAY
WITH BUS-HOLD FUNCTION
SCAS193A − MARCH 1992 − REVISED NOVEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Designed to Ensure Defined Voltage Levels
on Floating Bus Lines in CMOS Systems
D 4.5-V to 5.5-V V
CC Operation
D Inputs Accept Voltages to 5.5 V
D Reduces Undershoot and Overshoot
Caused By Line Reflections
D Repetitive Peak Forward
Current ...IFRM = 100 mA
D Inputs Are TTL-Voltage Compatible
D Low Power Consumption (Like CMOS)
D Center-Pin V
CC and GND Configuration
Minimizes High-Speed Switching Noise
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
description/ordering information
This device is designed to terminate bus lines in CMOS systems. The integrated low-impedance diodes clamp
the voltage of undershoots and overshoots caused by line reflections and ensure signal integrity. The device
also contains a bus-hold function that consists of a CMOS-buffer stage with a high-resistance feedback path
between its output and its input. The SN74ACT1073 prevents bus lines from floating without using pullup or
pulldown resistors.
The high-impedance inputs of these internal buffers are connected to the input terminals of the device. The
feedback path on each internal buffer stage keeps a bus line tied to the bus holder at the last valid logic state
generated by an active driver before the bus switches to the high-impedance state.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC
DW
Tube
SN74ACT1073DW
ACT1073
−40
°C to 85°C
SOIC − DW
Tape and reel
SN74ACT1073DWR
ACT1073
40 C to 85 C
SOP − NS
Tape and reel
SN74ACT1073NSR
ACT1073
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
© 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
D1
D2
D3
D4
GND
GND
D5
D6
D7
D8
D16
D15
D14
D13
VCC
VCC
D12
D11
D10
D9
DW OR NS PACKAGE
(TOP VIEW)


Similar Part No. - SN74ACT1073DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT1073DW TI-SN74ACT1073DW Datasheet
228Kb / 9P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073DW TI1-SN74ACT1073DW Datasheet
1Mb / 14P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073DWE4 TI-SN74ACT1073DWE4 Datasheet
228Kb / 9P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073DWG4 TI1-SN74ACT1073DWG4 Datasheet
1Mb / 14P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073DWR TI-SN74ACT1073DWR Datasheet
228Kb / 9P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
More results

Similar Description - SN74ACT1073DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT1071 TI-SN74ACT1071 Datasheet
58Kb / 5P
10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073 TI-SN74ACT1073 Datasheet
228Kb / 9P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74CBTH16211 TI-SN74CBTH16211 Datasheet
171Kb / 9P
24-BIT FET BUS SWITCH WITH BUS HOLD
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74ACT1071 TI1-SN74ACT1071_14 Datasheet
488Kb / 11P
10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073 TI1-SN74ACT1073_16 Datasheet
1Mb / 14P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com