Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT2228 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT2228
Description  DUAL 64 × 1, DUAL 256 × 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT2228 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT2228 Datasheet HTML 1Page - Texas Instruments SN74ACT2228 Datasheet HTML 2Page - Texas Instruments SN74ACT2228 Datasheet HTML 3Page - Texas Instruments SN74ACT2228 Datasheet HTML 4Page - Texas Instruments SN74ACT2228 Datasheet HTML 5Page - Texas Instruments SN74ACT2228 Datasheet HTML 6Page - Texas Instruments SN74ACT2228 Datasheet HTML 7Page - Texas Instruments SN74ACT2228 Datasheet HTML 8Page - Texas Instruments SN74ACT2228 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN74ACT2226, SN74ACT2228
DUAL 64
× 1, DUAL 256 × 1
CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SCAS219C – JUNE 1992 – REVISED OCTOBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Dual Independent FIFOs Organized as:
64 Words by 1 Bit Each – SN74ACT2226
256 Words by 1 Bit Each – SN74ACT2228
D Free-Running Read and Write Clocks Can
Be Asynchronous or Coincident on Each
FIFO
D Input-Ready Flags Synchronized to Write
Clocks
D Output-Ready Flags Synchronized to Read
Clocks
D Half-Full and Almost-Full/Almost-Empty
Flags
D Support Clock Frequencies up to 22 MHz
D Access Times of 20 ns
D Low-Power Advanced CMOS Technology
D Packaged in 24-Pin Small-Outline
Integrated-Circuit Package
description
The SN74ACT2226 and SN74ACT2228 are dual FIFOs suited for a wide range of serial-data buffering
applications, including elastic stores for frequencies up to T2 telecommunication rates. Each FIFO on the chip
is arranged as 64
× 1 (SN74ACT2226) or 256 × 1 (SN74ACT2228) and has control signals and status flags for
independent operation. Output flags for each FIFO include input ready (1IR or 2IR), output ready (1OR or 2OR),
half full (1HF or 2HF), and almost full/almost empty (1AF/AE or 2AF/AE).
Serial data is written into a FIFO on the low-to-high transition of the write-clock (1WRTCLK or 2WRTCLK) input
when the write-enable (1WRTEN or 2WRTEN) input and input-ready flag (1IR or 2IR) output are both high.
Serial data is read from a FIFO on the low-to-high transition of the read-clock (1RDCLK or 2RDCLK) input when
the read-enable (1RDEN or 2RDEN) input and output-ready flag (1OR or 2OR) output are both high. The read
and write clocks of a FIFO can be asynchronous to one another.
Each input-ready flag (1IR or 2IR) is synchronized by two flip-flop stages to its write clock (1WRTCLK or
2WRTCLK), and each output-ready flag (1OR or 2OR) is synchronized by three flip-flop stages to its read clock
(1RDCLK or 2RDCLK). This multistage synchronization ensures reliable flag-output states when data is written
and read asynchronously.
A half-full flag (1HF or 2HF) is high when the number of bits stored in its FIFO is greater than or equal to half
the depth of the FIFO. An almost-full/almost-empty flag (1AF/AE or 2AF/AE) is high when eight or fewer bits
are stored in its FIFO and when eight or fewer empty locations are left in the FIFO. A bit present on the data
output is not stored in the FIFO.
The SN74ACT2226 and SN74ACT2228 are characterized for operation from –40
°C to 85°C.
For more information on this device family, see the application report
FIFOs With a Word Width of One Bit
(literature number SCAA006).
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1HF
1AF/AE
1WRTCLK
1WRTEN
1IR
1D
GND
1RESET
2Q
2OR
2RDEN
2RDCLK
1RDCLK
1RDEN
1OR
1Q
2RESET
VCC
2D
2IR
2WRTEN
2WRTCLK
2AF/AE
2HF


Similar Part No. - SN74ACT2228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT2228 TI-SN74ACT2228 Datasheet
173Kb / 13P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2228 TI-SN74ACT2228 Datasheet
257Kb / 15P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2228DW TI-SN74ACT2228DW Datasheet
173Kb / 13P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2228DW TI-SN74ACT2228DW Datasheet
257Kb / 15P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2228DWR TI-SN74ACT2228DWR Datasheet
257Kb / 15P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74ACT2228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI-SN74ACT2227 Datasheet
174Kb / 13P
DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805_06 Datasheet
230Kb / 16P
256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT2226 TI-SN74ACT2226_06 Datasheet
257Kb / 15P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT2227 TI1-SN74ACT2227_15 Datasheet
786Kb / 18P
DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com