Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT7814 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ACT7814
Description  64 × 18 STROBED FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT7814 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ACT7814 Datasheet HTML 1Page - Texas Instruments SN74ACT7814 Datasheet HTML 2Page - Texas Instruments SN74ACT7814 Datasheet HTML 3Page - Texas Instruments SN74ACT7814 Datasheet HTML 4Page - Texas Instruments SN74ACT7814 Datasheet HTML 5Page - Texas Instruments SN74ACT7814 Datasheet HTML 6Page - Texas Instruments SN74ACT7814 Datasheet HTML 7Page - Texas Instruments SN74ACT7814 Datasheet HTML 8Page - Texas Instruments SN74ACT7814 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN74ACT7814
64
× 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS209C – APRIL 1992 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
offset values for AF/AE
The AF/AE flag has two programmable limits: the almost-empty offset value (X) and the almost-full offset
value (Y). They can be programmed after the FIFO is reset and before the first word is written to memory. The
AF/AE flag is high when the FIFO contains X or fewer words or (64 – Y) or more words.
To program the offset values, PEN can be brought low after reset only when LDCK is low. On the following
low-to-high transition of LDCK, the binary value on D0–D4 is stored as the almost-empty offset value (X) and
the almost-full offset value (Y). Holding PEN low for another low-to-high transition of LDCK reprograms Y to the
binary value on D0–D4 at the time of the second LDCK low-to-high transition. Writes to the FIFO memory are
disabled while the offsets are programmed. A maximum value of 31 can be programmed for either X or Y (see
Figure 1). To use the default values of X = Y = 8, PEN must be held high.
RESET
X and Y
Y
PEN
D0–D4
EMPTY
Don’t Care
LDCK
Don’t Care
Figure 1. Programming X and Y Separately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com