| Electronic Components Datasheet Search |
|
SN74ACT8997 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT8997 Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 30 page ![]() SN54ACT8997, SN74ACT8997 SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS SCAS157D – APRIL 1990 – REVISED DECEMBER 1996 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions TERMINAL NAME I/O DESCRIPTION DCI I Device condition input. DCI receives interrupt and protocol signals from the secondary scan path(s). When the counter register is instructed to count up or down, DCI is configured as the counter clock. DCO O Device condition output. DCO is configured by the control register to output protocol and interrupt signals and can be configured by the control register to output an error signal if the instruction register is loaded with an invalid value. DCO is further configured by the control register as: Active high or active low (reset condition = active low) Open drain or 3 state (reset condition = open drain) DTCK O Device test clock. DTCK outputs the buffered test clock TCK to the secondary scan path(s). DTDI1 DTDI2 DTDI3 DTDI4 I Device test data input 1–4. DTDI1–DTDI4 receive the serial test data output(s) of the selected secondary scan path(s). An internal pullup forces DTDI1–DTDI4 to a high logic level if it is left unconnected. DTDO1 DTDO2 DTDO3 DTDO4 O Device test data output 1–4. These outputs send serial test data to the TDI input(s) of the secondary scan path(s). DTMS1 DTMS2 DTMS3 DTMS4 O Device test mode select 1–4. Any combination of these four outputs can be selected to follow TMS to direct the secondary scan path(s) through the TAP controller states in Figure 1. The unselected DTMS outputs can be set independently to a high or low logic level. The TMS circuit monitors input from the select register to determine the configuration of the DTMS outputs. GND Ground IDI ID2 ID3 ID4 I Identification 1–4. This 4-bit data bus can be hardwired to provide identification of the subsystem under test. The value present on the bus can be scanned out through the boundary scan or ID bus registers. MCI I Master condition input. MCI receives interrupt and protocol signals from a primary bus controller (PBC). The level on MCI is buffered and output on MCO. MCO O Master condition output. MCO transmits interrupt and protocol signals to the secondary scan path(s). TCK I Test clock. One of four terminals required by IEEE Standard 1149.1. All operations of the ’ACT8997 except for the count function are synchronous to TCK. Data on the device inputs is captured on the rising edge of TCK, and outputs change on the falling edge of TCK. TDI I Test data input. One of four terminals required by IEEE Standard 1149.1. TDI is the serial input for shifting information into the instruction register or selected data register. TDI is typically driven by the TDO of the PBC. An internal pullup forces TDI to a high level if left unconnected. TDO O Test data output. One of four terminals required by IEEE Standard 1149.1. TDO is the serial output for shifting information out of the instruction register or selected data register. TDO is typically connected to the TDI of the next scannable device in the primary scan path. TMS I Test mode select. One of four terminals required by IEEE Standard 1149.1. The level of TMS at the rising edge of TCK directs the ’ACT8997 through its TAP controller states. An internal pullup forces TMS to a high level if left unconnected. TRST I Test reset. This active-low input implements the optional reset terminal of IEEE Standard 1149.1. When asserted, TRST causes the ’ACT8997 to go to the Test-Logic-Reset state and configure the instruction register and data registers to their power-up values. An internal pullup forces TRST to a high level if left unconnected. VCC Supply voltage |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |