Electronic Components Datasheet Search
  English  ▼

X  

SII1392 Datasheet(PDF) 2 Page - Silicon image

Part # SII1392
Description  VastLane??HDMI Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII1392 Datasheet(HTML) 2 Page - Silicon image

  SII1392 Datasheet HTML 1Page - Silicon image SII1392 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SiI1392 Starter Kit
(CP1392HDMI)
Contents include:
Hardware
• SiI1392 ADD2 card
- For desktop PC mother-
boards with integrated
graphics chipset supporting
SDVO and available x16 PCI
Express slot
Documentation
• User’s Guide
• Schematics
• Bill of Materials (BOM)
SiI 1392 Features
Industry-Standard Compliance
• DVI 1.0
• HDCP 1.2
• HDMI 1.2
• SDVO 1.2
• EIA/CEA-861B
Digital Video Inputs
• SDVO (1-2 GHz)
Digital Video Outputs
• Integrated VastLane core supporting cables
over 10 meters
• HDMI output:
- 25-165 MHz - SiI1392CNU
- 25-340 MHz - SiI1392CNU-3
• Supports DTV (480i -1080p) and PC (VGA-
UXGA) resolutions
• Integrated RGB <—> YCbCr color space con-
version
• 4:4:4 <—> 4:2:2 converter
Digital Audio
• Supports 8 channels at 192 kHz (including
DVD-Audio) through HD-Audio input
• Supports IEC60958 2-channel PCM or
IEC61937 compressed audio (Dolby
® Digital,
DTS, etc.)
• Industry-standard HD-Audio, S/PDIF inputs
Content Protection
• Integrated HDCP cipher engine
• HDCP repeater function support with on-chip
SHA-1 logic for high security
• Pre-programmed HDCP keys
- Simplify manufacturing process
- Most secure solution available
- Lower system, manufacturing costs
• Encrypts both video and audio
System Operation
• Advanced technology for synchronizing video
and audio streams without requiring direct
communication between graphics and audio
drivers
• Optional external microcontroller support for
future enhancements
• 64-pin QFN package
• Dual I
2C pass-through interfaces for host I2C
access of EDID via DDC and configuration
EEPROM using SDVO
• Flexible interrupt registers with interrupt pin
• Monitor-detection support through hot plug
and optional receiver detection
Power Management
• Low-power 1.8V core operation
• Low-power standby mode
• Flexible power-down modes
© 2006 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SiI and SiI1392, VastLane and the VastLane logo, and TMDS are trademarks or registered trademarks of Silicon Image, Inc. in the
United States and other countries. HDMI, the HDMI logo and High-Definition Multimedia Interface are trademarks or registered trademarks of, and are used under license from, HDMI Licensing, LLC. Other trade-
marks are property of their respective holders. Product specifications are subject to change without notice.
Part Number: SiI1392
SiI-PB-64 rev2 11/06
Silicon Image, Inc.
1060 E. Arques Avenue
Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com
SiI1392 Circuit Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com