Electronic Components Datasheet Search
  English  ▼

X  

5102 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 5102
Description  Low Profile PCI 1-Port RS-232, RS-422, RS-485, RS-530, RS-530A, V.35
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

5102 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  5102 Datasheet HTML 1Page - Sealevel Systems, Inc. 5102 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Profile PCI 1-Port RS-232, RS-422, RS-485,
RS-530, RS-530A, V.35 Synchronous Serial Interface
(uses Z85230)
The 5102 Low Profile PCI synchronous serial interface adapter provides the PC with a single channel serial interface suitable for
many popular communications protocols. This Sync/Async card is an ideal solution for applications including DDS (digital data
service), military applications, banking communications, and other specialized applications. Our Software toolkit is included to
aid software driver development for other operating systems by providing programming samples and source code to shorten
development time.
The 5102 is MD1 Low Profile and Universal Bus (3.3V and 5V) compatible. The 5102 is for use in Low Profile PCI slots only. If you
have a standard size PCI slot order the 5102S.
Software support, critical for successful synchronous communication development, is provided through Sealevel’s SeaMAC
synchronous serial driver. HDLC/SDLC protocols are supported as well as certain configurations of Monosync, Bi-sync, and Raw
modes.
Part: 5102 | Model: ACB-MP.LPCI
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 5102

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
5102 OHMITE-5102 Datasheet
143Kb / 1P
Rheostat and Tap Switch Hardware
logo
Molex Electronics Ltd.
5102 MOLEX-5102 Datasheet
34Kb / 1P
spox
01/20/2012
5102-03 MOLEX2-5102-03 Datasheet
96Kb / 2P
2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 3 Circuits
5102-03 MOLEX-5102-03 Datasheet
34Kb / 1P
spox
01/20/2012
5102-04 MOLEX2-5102-04 Datasheet
96Kb / 2P
2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 4 Circuits
More results

Similar Description - 5102

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
logo
Moxa Inc.
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
Port-powered RS-232 to RS-422/485 converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com