Electronic Components Datasheet Search
  English  ▼

X  

LT6004 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6004
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6004 Datasheet HTML 4Page - Linear Technology LT6004 Datasheet HTML 5Page - Linear Technology LT6004 Datasheet HTML 6Page - Linear Technology LT6004 Datasheet HTML 7Page - Linear Technology LT6004 Datasheet HTML 8Page - Linear Technology LT6004 Datasheet HTML 9Page - Linear Technology LT6004 Datasheet HTML 10Page - Linear Technology LT6004 Datasheet HTML 11Page - Linear Technology LT6004 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT6003/LT6004/LT6005
8
600345f
DISTRIBUTION (
µV/°C)
–5
12
16
20
3
600345 G02
8
4
10
14
18
6
2
0
–3
–4
–1
–2
1
2
4
05
VS = 5V, 0V
VCM = 2.5V
MS8, GN16,
SOT23 PACKAGES
–40
°C TO 85°C
SINKING LOAD CURRENT (mA)
0.001
0.01
0.1
1.0
600345 G09
TA = 25°C
TA = 125°C
TA = –55°C
VS = 5V, 0V
INPUT OVERDRIVE = 30mV
0.00001
0.001
0.1
10
SOURCING LOAD CURRENT (mA)
0.00001
0.001
0.01
0.1
1.0
0.1
10
600345 G08
TA = 125°C
TA = –55°C
VS = 5V, 0V
INPUT OVERDRIVE = 30mV
TA = 25°C
INPUT COMMON MODE VOLTAGE (V)
–300
0
100
–50
–200
–100
–250
–150
50
12
3
4
600345 G06
5
0.5
0
1.5
2.5
3.5
4.5
VS = 5V, 0V
TYPICAL PART
TA = 125°C
TA = 25°C
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
0
300
200
100
0
–100
–200
–400
–300
10
14
12
60012 G05
8
24
16
6
VCM = 0.5V
TYPICAL PART
TA = 125°C
TA = –55°C
TA = 25°C
TOTAL SUPPLY VOLTAGE (V)
1
100
150
200
3.0
600345 G04
50
0
–100
1.5
2.0
2.5
–50
250
TA = 125°C
TA = 25°C
TA = –55°C
SUPPLY VOLTAGE (V)
0
0
0.5
1.0
1.5
5.0
2.0
2.5
3.0
3.5
4.0
4.5
2
4
10
12
14
600345 G03
16
68
VCM = 0.5V
TA = 125°C
TA = 25°C
TA = 85°C
TA = –55°C
INPUT OFFSET VOLTAGE (
µV)
0
10
20
5
15
25
35
30
–400
–200
0
200
400
600345 G01
600
–600
VS = 5V, 0V
VCM = 2.5V
MS8 PACKAGE
1377 AMPLIFIERS
TYPICAL PERFORMANCE CHARACTERISTICS
VOS Distribution
TC VOS Distribution
Supply Current vs Supply Voltage
Change in Input Offset Voltage
vs Total Supply Voltage
Input Offset Voltage
vs Total Supply Voltage
Input Offset Voltage
vs Input Common Mode Voltage
Input Bias Current
vs Common Mode Voltage
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
COMMON MODE VOLTAGE (V)
0
–0.4
–0.3
–0.2
–0.1
0.1
1.5
2.0
1.0
2.5
3.0
600345 G07
0
25
13
4
VS = 5V, 0V
TA = 125°C
TA = 25°C
TA = 85°C
TA = –55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com