Electronic Components Datasheet Search
  English  ▼

X  

LT6005 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6005
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6005 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6005 Datasheet HTML 7Page - Linear Technology LT6005 Datasheet HTML 8Page - Linear Technology LT6005 Datasheet HTML 9Page - Linear Technology LT6005 Datasheet HTML 10Page - Linear Technology LT6005 Datasheet HTML 11Page - Linear Technology LT6005 Datasheet HTML 12Page - Linear Technology LT6005 Datasheet HTML 13Page - Linear Technology LT6005 Datasheet HTML 14Page - Linear Technology LT6005 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT6003/LT6004/LT6005
11
600345f
FREQUENCY (kHz)
0.01
80
100
90
0.1
1
10
600345 G24
60
20
40
0
70
30
50
10
VS = ±2.5V
TA = 25°C
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
FREQUENCY (kHz)
0.01
100
10
0.1
1
10
600345 G25
1
0.1
VS = ±2.5V
TA = 25°C
AV = 1
AV = 10
FREQUENCY (kHz)
0.01
80
120
100
0.1
1
10
600345 G23
60
20
40
0
VS = ±2.5V
TA = 25°C
CAPACITIVE LOAD (pF)
10
20
25
30
35
40
100
1000
10000
600345 G22
15
10
5
0
45
AV = 1
AV = 2
AV = 5
VS = 1.8V, 0V
VCM = 0.5V
RL = 1M
Capacitive Load Handling
Overshoot vs Capacitive Load
Common Mode Rejection Ratio
vs Frequency
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection Ratio
vs Frequency
Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com