Electronic Components Datasheet Search
  English  ▼

X  

0800706 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0800706
Description  WMS 9,5 (EX16)R CUS - Shrink sleeve
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800706 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0800706 Datasheet HTML 1Page - PHOENIX CONTACT 0800706 Datasheet HTML 2Page - PHOENIX CONTACT 0800706 Datasheet HTML 3Page - PHOENIX CONTACT 0800706 Datasheet HTML 4Page - PHOENIX CONTACT 0800706 Datasheet HTML 5Page - PHOENIX CONTACT 0800706 Datasheet HTML 6Page - PHOENIX CONTACT 0800706 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Shrink sleeve printed
Type
Shrink sleeve
Marking
Printing
user-defined
Identification technology
Thermal transfer for rolls
Dimensions
Width
16 mm
Length
20 m
External dimensions
Outside diameter
3.2 mm ... 9.5 mm
Text field
Text field width
16 mm
Text field height
30000 mm
Material specifications
Color
white (RAL 9010)
Material
Polyolefine
Base element material
polyolefine
Shrink rate
3:1
Components
halogen-free
Shrink temperature
> 85 °C
Cable/line
External cable diameter
3.2 mm ... 9.5 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
EN ISO 1518-1:2023 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2020-12 (following)
WMS 9,5 (EX16)R CUS - Shrink sleeve
0800706
https://www.phoenixcontact.com/us/products/0800706
Jul 15, 2025, 1:14AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com