Electronic Components Datasheet Search
  English  ▼

X  

0800721 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0800721
Description  PABA BU/15 - Insert label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800721 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0800721 Datasheet HTML 1Page - PHOENIX CONTACT 0800721 Datasheet HTML 2Page - PHOENIX CONTACT 0800721 Datasheet HTML 3Page - PHOENIX CONTACT 0800721 Datasheet HTML 4Page - PHOENIX CONTACT 0800721 Datasheet HTML 5Page - PHOENIX CONTACT 0800721 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Insert label, Strip, blue, unlabeled, can be labeled with: CMS-P1-PLOTTER, cable diameter
range: 0.6 ... 50 mm, mounting type: slide-on, Number of individual labels: 20, text field height: 4
mm, text field width: 15 mm
Commercial data
Item number
0800721
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
BG20
Product key
BG2213
GTIN
4017918104030
Weight per piece (including packing)
4.546 g
Weight per piece (excluding packing)
4.33 g
Customs tariff number
39269097
Country of origin
CN
PABA BU/15 - Insert label
0800721
https://www.phoenixcontact.com/us/products/0800721
Jul 15, 2025, 12:45AM
Page 1 (6)


Similar Part No. - 0800721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800720 PHOENIX-0800720 Datasheet
195Kb / 7P
WMS 19,1 (EX30)R YE CUS - Shrink sleeve
0800722 PHOENIX-0800722 Datasheet
195Kb / 7P
WMS 25,4 (EX40)R YE CUS - Shrink sleeve
0800723 PHOENIX-0800723 Datasheet
195Kb / 7P
WMS 38,1 (EX60)R YE CUS - Shrink sleeve
0800724 PHOENIX-0800724 Datasheet
195Kb / 7P
WMS 50,8 (EX80)R YE CUS - Shrink sleeve
0800725 PHOENIX-0800725 Datasheet
196Kb / 7P
WMS 2,4 (EX4)R BK CUS - Shrink sleeve
More results

Similar Description - 0800721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1654811 PHOENIX-1654811 Datasheet
73Kb / 4P
D-SUB contact insert - VS-15-BU-DSUB-LH-B
1655166 PHOENIX-1655166 Datasheet
76Kb / 4P
D-SUB contact insert - VS-15-BU-DSUB-HD-EG
1688887 PHOENIX-1688887 Datasheet
70Kb / 3P
Contact insert - VS-15-BU-DSUB-EG
0803277 PHOENIX-0803277 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R BU
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803856 PHOENIX-0803856 Datasheet
50Kb / 2P
Insert label - US-EMT (103X23)
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1013753 PHOENIX-1013753 Datasheet
52Kb / 3P
Insert label - PABA WH/10
09/11/2020
1688120 PHOENIX-1688120 Datasheet
115Kb / 6P
Contact insert - VS-15-BU-DSUB-ER
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com