Electronic Components Datasheet Search
  English  ▼

X  

044100 Datasheet(PDF) 5 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Part # 044100
Description  Testing, Measuring and Safety Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENNING [BENNING Elektrotechnik Elektronik GmbH & Co. KG]
Direct Link  https://www.benning.de/
Logo BENNING - BENNING Elektrotechnik Elektronik GmbH & Co. KG

044100 Datasheet(HTML) 5 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

  044100 Datasheet HTML 1Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044100 Datasheet HTML 2Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044100 Datasheet HTML 3Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044100 Datasheet HTML 4Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044100 Datasheet HTML 5Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044100 Datasheet HTML 6Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044100 Datasheet HTML 7Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044100 Datasheet HTML 8Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044100 Datasheet HTML 9Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
B E N N I N G
W o r l d
C l a s s
T e s t
E q u i p m e n t
All Digital Multimeters
including protective case,
safety leads and battery set.
TRUE RMS
CAT IV 600 V
CAT IV 600 V
TRUE RMS
TRUE RMS
CAT IV 600 V
USB
BENNING
BENNING
BENNING
BENNING
BENNING
BENNING
MM 4
MM 7
MM 8
MM 9
MM 10
MM 11
indicating range
4200
4000
6000
6000
6000
20000
basic accuracy
0.5 %
0.25 %
0.5 %
0.5 %
0.5 %
0.06 %
AC voltage
1 mV - 600 V
1 mV - 750 V
0.1 mV - 750 V
0.1 mV - 750 V
0.1 mV - 750 V
1 µV - 750 V
DC voltage
1 mV - 600 V
0.1 mV - 1000 V 0.1 mV - 1000 V 0.1 mV - 1000 V 0.1 mV - 1000 V
1 µV - 1000 V
AC current
0.1 A - 300 A
10 µA - 10 A
–
1 mA - 10 A
1 mA - 10 A
1 µA - 10 A
DC current
–
10 µA - 10 A
0.1 µA - 6 mA
0.1 µA - 10 A
0.1 µA - 10 A
1 µA - 10 A
resistance
0.1 Ω - 42 MΩ
0.1 Ω - 40 MΩ
0.1 Ω - 60 MΩ
0.1 Ω - 60 MΩ
0.1 Ω - 60 MΩ
10 mΩ - 2 GΩ
continuity/diode
yes/yes
yes/yes
yes/yes
yes/yes
yes/yes
yes/yes
frequency
–
1 Hz - 40 MHz
1 Hz - 60 MHz
1 Hz - 60 MHz
1 Hz - 60 MHz
0.01 Hz - 1 MHz
capacity
–
1 pF - 40 mF
1 pF - 6 mF
1 pF - 6 mF
1 pF - 6 mF
1 pF - 40 mF
temperature
–
-20 °C up to +800 °C
––
–
-200 °C up to +1200 °C
volt sensor
––
––––
interface
––
––
USB
USB
software
––
––
PC-Win MM 10
PC-Win MM 11
memory
HOLD
HOLD, MAX/MIN HOLD, MAX/MIN HOLD, MAX/MIN HOLD, MAX/MIN 1000 memory locations
Data Log function
––
–––
40000 memory locations
measuring method
RMS
TRUE RMS
RMS
TRUE RMS
TRUE RMS
TRUE RMS
measuring category
CAT III 300 V
CAT III 600 V
CAT IV 600 V
CAT IV 600 V
CAT IV 600 V
CAT III 600 V
item no.
044073
044076
044077
044078
044079
044080
Digital Multimeter
MM 11
USB
MM 8
MM 9
MM 10
BENNING MM 7
Digital Multimeter for precise and
reproducible measuring results
• TRUE RMS measuring method for industrial applications
• reliable and precise measuring results even in case of dis-
torted or non-sinusoidal signal behaviour
• basic measurings for current, voltage, resistance, continui-
ty, diode, capacity, frequency and temperature
• LC display with analog bar graph indication with back illu-
mination
BENNING MM 8, MM 9, MM 10
Digital Multimeter of the highest measuring
category CAT IV
• highest measuring category CAT IV 600 V allows measure-
ments direct at the source of the low-voltage installation
• precise due to TRUE RMS measuring method
• transmitting measuring results via optical USB interface
• delivery including software BENNING PC-Win MM 10
BENNING MM 11
Precision Digital Multimeter
with extraordinary features of performance
• highest measuring accuracy of 0.06 % due to TRUE RMS
measuring method and 20000 digit resolution
• an ideal measuring device for recording of measuring pro-
cesses
• large memory capacity of 1000 storage locations and
40000 storage locations for Data Log functions
• transmitting measuring results via optical USB interface
• delivery including software BENNING PC-Win MM 11
Digital Multimeter BENNING MM 7 – MM 11
safety and functional diversity without any compromises
MM 7
TRUE RMS
Software PC-Win
MM 10/MM 11
BENNING PC-Win MM 10/MM 11
Software for logging and analysis
• software for reading and logging of measurement series
• visualisation of measurement series via line diagram and table
• scanning rate variable from 0.5 sec. up to 10 min.
• storage of measurement series as text file
tested and
approved
IEC/EN 61010-1
(DIN VDE 0411-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com