Electronic Components Datasheet Search
  English  ▼

X  

044101 Datasheet(PDF) 8 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Part # 044101
Description  Testing, Measuring and Safety Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENNING [BENNING Elektrotechnik Elektronik GmbH & Co. KG]
Direct Link  https://www.benning.de/
Logo BENNING - BENNING Elektrotechnik Elektronik GmbH & Co. KG

044101 Datasheet(HTML) 8 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Back Button 044101 Datasheet HTML 4Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044101 Datasheet HTML 5Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044101 Datasheet HTML 6Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044101 Datasheet HTML 7Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044101 Datasheet HTML 8Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044101 Datasheet HTML 9Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044101 Datasheet HTML 10Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044101 Datasheet HTML 11Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044101 Datasheet HTML 12Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
BENNING IT 110, BENNING IT 120
Installation Testers
For safety tests on electrical systems
according to DIN VDE 0100 and IEC 60364
Multifunctional installation testers for complete testing and
efficient troubleshooting of electrical systems
• measurement of the protective conductor line and of the
equipotential bonding line with a testing current of 200 mA
• measurement of the insulation resistance with testing volt-
ages of 100 V, 250 V, 500 V and 1000 V
• line impedance and loop impedance measurement (optional
without tripping of the RCD) with calculation of the short-
circuit current (PFC/ PSC)
• complete testing of the residual-current-operated device
(RCD)
• measurement of contact voltage (without tripping), tripping
time and tripping current (ramp test) of residual current
operated device (RCD)
• phase-sequence testing in three-phase mains
• voltage measurement up to 500 V and online voltage moni-
toring
Safety Instruments BENNING IT 100, IT 110 and IT 120
Testing of electrical systems in compliance with the standards
BENNING IT 100
Insulation and Resistance Measuring Device
• safety tests on electric systems and equipment
• measuring of the insulation resistance with testing voltages
of 250 V, 500 V and 1000 V
• low-impedance measurements with testing current of
200 mA for continuity tests of protective conductors and
equipotential bonding conductors
• measuring of the residual battery capacity in %
• large LC display with analogous bar graph indication and
background illumination
• including service case, measuring leads, crocodile clips
and battery set
BENNING
IT 100
indicating range
2000 digits (illumination)
low-impedance resistance
0.01 Ω - 20 Ω
insulation resistance
10 kΩ - 2000 MΩ
AC/DC voltage
1 V - 1000 V
resistance
1 Ω - 2000 Ω
continuity test
buzzer/30 Ω
internal battery capacity
0 - 100 %
measuring category
CAT III 600 V
item no.
044032
BENNING IT 100
Insulation/Resistance Measuring Device
IT 100
IT 110
BENNING
IT 110
display
graphic display (illuminated)
low-impedance resistance
0.01 Ω - 2000 Ω
insulation resistance
1 kΩ - 1000 MΩ
line impedance (L-N/L)
0.01 Ω - 2000 Ω
loop impedance (L-PE)
0.01 Ω - 2000 Ω
short-circuit current
0.01 A - 24.4 kA
RCD testing
tripping time, tripping current,
contact voltage
phase sequence
yes
voltage, frequency
1 V - 500 V, 45 Hz - 65 Hz
item no.
044100
BENNING IT 110
Installation Tester
B E N N I N G
W o r l d
C l a s s
T e s t
E q u i p m e n t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com