Electronic Components Datasheet Search
  English  ▼

X  

LB803PSN Datasheet(PDF) 2 Page - Europa PLC

Part # LB803PSN
Description  Enclosed Switch Disconnectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

LB803PSN Datasheet(HTML) 2 Page - Europa PLC

  LB803PSN Datasheet HTML 1Page - Europa PLC LB803PSN Datasheet HTML 2Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Europa House, Airport Way, Luton, Bedfordshire, LU2 9NH
Technical: 01582 692 444 technical@europa-plc.com
www.europa-plc.com
Data Sheet
EDS1021-003
Page 2 of 2
EUR PA
LB25, 32, 404PBB/PSNBB / LB63, 803P/PSN / LB63, 804P AC-21
Enclosed Switch Disconnectors (BoxedIsolators)
Procedure to dismantle the cover:
• Ensure the switch is in the OFF position
• Unscrew the cover screws & remove the cover
• For easy wiring, the switch can be removed from the base & then clicked back into place once wiring is complete
• After wiring ensure the profile orientation of the actuating spindle & knob shaft are in the same position
• Replace the cover & take care not to overtighten the screws (recommended tightening torque 0.5Nm)
• Do not install using power driven screwdrivers
Please Note : There is no need to remove the switch handle in order to remove the cover
Mounting Details
Terminal Configuration
Dismantling the Cover



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com