Electronic Components Datasheet Search
  English  ▼

X  

ISL85403 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL85403
Description  2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85403 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL85403 Datasheet HTML 9Page - Renesas Technology Corp ISL85403 Datasheet HTML 10Page - Renesas Technology Corp ISL85403 Datasheet HTML 11Page - Renesas Technology Corp ISL85403 Datasheet HTML 12Page - Renesas Technology Corp ISL85403 Datasheet HTML 13Page - Renesas Technology Corp ISL85403 Datasheet HTML 14Page - Renesas Technology Corp ISL85403 Datasheet HTML 15Page - Renesas Technology Corp ISL85403 Datasheet HTML 16Page - Renesas Technology Corp ISL85403 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ISL85403
FN8631 Rev.4.00
Page 13 of 24
Sep 28, 2020
FIGURE 25. BOOST BUCK MODE, VO = 9V, IO = 1.8A, BOOST INPUT
DROPS FROM 16V TO 9V DC
FIGURE 26. EFFICIENCY, BOOST BUCK, 500kHz, VOUT 12V,
TA = +25°C
FIGURE 27. UPPER MOSFET rDS(ON) (mΩ) OVER-TEMPERATURE
Typical Performance Curves (Continued)
VOUT 5V/DIV
PHASE_BOOST 20V/DIV
10ms/DIV
IL_BOOST 2A/DIV
PHASE_BUCK 20V/DIV
50
55
60
65
70
75
80
85
90
95
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
LOAD CURRENT (A)
9V VIN
6V VIN
5V VIN
30V VIN
15V VIN
190
160
150
140
130
120
110
100
DIE TEMPERATURE (°C)
180
170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com