Electronic Components Datasheet Search
  English  ▼

X  

UVR Datasheet(PDF) 1 Page - Nichicon corporation

Part # UVR
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVR Datasheet(HTML) 1 Page - Nichicon corporation

  UVR Datasheet HTML 1Page - Nichicon corporation UVR Datasheet HTML 2Page - Nichicon corporation UVR Datasheet HTML 3Page - Nichicon corporation UVR Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Dimension table in next page.
UVR MiniatureSized
Standard series for entertainment electronics.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
–40 to +85˚C (6.3V to 400V), –25 to +85˚C (450V)
6.3 to 450V
1 to 22000µF
± 20% at 120Hz, 20˚C
Printed with white color letter on black sleeve.
After storing the capacitors under no load at 85˚C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Rated voltage
(V)
tan δ (max.)
6.3
0.28
10
0.24
16
0.20
25
0.16
35
0.14
50
0.12
63
0.10
100
0.08
160 to 315
0.20
350 to 450
0.25
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz at 20˚C
Measurement frequency : 120Hz
Z(–25˚C) / Z(+20˚C)
Z(–40˚C) / Z(+20˚C)
Rated voltage
(V)
Impedance ratio
(max.)
6.3
5
12
10
4
10
16
3
8
25
2
5
35
2
4
50
2
3
63
2
3
100
2
3
160 to 200
3
4
250 to 350
4
8
400
6
10
450
15
The specifications listed at right shall be met when
the capacitors are restored to 20°C after the rated
voltage is applied for 2000 hours at 85°C.
Rated voltage
(V)
6.3
to 100V
160
to 450V
After 1 minute's application of rated voltage at 20°C, leakage current
is not more than 0.03CV(µA).
After 2 minutes' application of rated voltage at 20°C, leakage current
is not more than 0.01CV(µA).
After 1 minute's application of rated voltage at 20°C,
CV <= 1000 :1= 0.1CV+40µA or less
CV > 1000 :1= 0.04CV+100 (µA) or less
Leakage current
tan δ
Capacitance change
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±20% of the initial capacitance value
Radial Lead Type
Type numbering system (Example : 10V 3300µF)
U
1
V
2
R
3
1
4
A
5
3
6
3
7
2
8
M
9
H
10
D
11 12
Configuration
Capacitance tolerance (±20%)
Rated capacitance (3300µF)
Rated voltage (10V)
Series name
Type
φD
P
φd
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
Pressure
relief vent
15min.
4min.
φd
L±
(L 20) 1.5
(L 20) 2.0
φ D
Pb-free leadwire
Pb-free PET sleeve
8 · 10
PD
12.5 to 18
HD
Configuration
Size code
Sleeve (PET)
(mm)
U
1
V
2
R
3
1
4
A
5
3
6
3
7
2
8
M
9
H
10
D
11 12
Configuration
Capacitance tolerance (±20%)
Rated capacitance (3300µF)
Rated voltage (10V)
Series name
Type
φD
P
φd
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
Pressure
relief vent
15min.
4min.
φd
L±
(L 20) 1.5
(L 20) 2.0
φ D
Pb-free leadwire
Pb-free PET sleeve
8 · 10
PD
12.5 to 18
HD
Configuration
Size code
Sleeve (PET)
(mm)
φD
P
φd
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
(L 20) 1.5
(L 20) 2.0
(mm)
Frequency coefficient of rated ripple current
33 to 47000
100 to 47000
1000 to 22000
1 to 22000
6.3 to 100
V
160 to 450
50Hz
120Hz
300Hz
1 kHz
10kHz or more
0.75
1.00
1.35
1.57
2.00
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
0.80
1.00
1.25
1.40
1.60
Cap.(μF)
Frequency
330
0.90
1.00
1.10
1.13
1.15
• Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
UVR
UVK
Smaller
UVZ
High
Temperature
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)


Similar Part No. - UVR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
logo
Nichicon corporation
UVR0J101MDA NICHICON-UVR0J101MDA Datasheet
328Kb / 7P
Miniature Sized
UVR0J101MDA1TA NICHICON-UVR0J101MDA1TA Datasheet
328Kb / 7P
Miniature Sized
UVR0J101MDD NICHICON-UVR0J101MDD Datasheet
328Kb / 7P
Miniature Sized
UVR0J102MPA NICHICON-UVR0J102MPA Datasheet
328Kb / 7P
Miniature Sized
More results

Similar Description - UVR

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com