Electronic Components Datasheet Search
  English  ▼

X  

PI3CH1000LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3CH1000LE
Description  Low Voltage, 5-Ohm, 10-Channel 2-Port NanoSwitch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH1000LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3CH1000LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS2724B
05/09/06
Truth Table(1)
Function
EN1
EN2
B0-B4
B5-B9
Disconnect
H
H
Hi-Z
Hi-Z
Connect
L
H
A0-A4
Hi-Z
Connect
H
L
Hi-Z
A5-A9
Connect
L
L
A0-A4
A5-A9
Pin Configuration
Features
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs
• High signal passing bandwidth (500 MHz)
• Beyond Rail-to-Rail switching
• 5V I/O Tolerant with 3.3V supply in OFF and ON state
• 2.5V and 3.3V supply voltage operation
• Hot insertion capable
• Industrial operations temperature: –40ºC to +85ºC
• 2kV ESD protection (human body model)
• Latch-up performance: >250mA per JESD17
• Packaging (Pb-free & Green available):
– 24-pin 150-mil wide plastic QSOP (Q)
– 24-pin 173-mil wide plastic TSSOP (L)
Block Diagram
Low Voltage, 5-Ohm, 10-Channel
2-Port NanoSwitch™
Notes:
1. H=High Voltage Level; L=Low Voltage Level;
Hi-Z=High Impedance
Description
The PI3CH1000 is a low voltage, 10-channel switch designed with
fast dual enables. The switch creates no additional propagational
delay or additional ground bounce noise.
The PICH1000 device has active low enables. It is very useful in
switching signals that have high bandwidth (500 MHz).
Applications
• High Bandwidth Data Switching
• Hot-Docking
• Analog Signal Switching
• Differential Signal Switching
PI3CH1000
Pin Description
Pin Name
Description
EN1, EN2
Switch Enables
A0 - A9
A Ports
B0 - B9
B Ports
GND
Ground
VCC
Power
EN1
A4
A0
B4
B0
A9
A5
B9
B5
EN2
���
��
��
��
��
��
��
��
��
��
��
���
���
��
��
��
��
��
��
��
��
��
��
���
�
�
�
�
�
�
�
�
�
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
06-0235


Similar Part No. - PI3CH1000LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH1000LE PERICOM-PI3CH1000LE Datasheet
279Kb / 6P
10-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH1000LEX PERICOM-PI3CH1000LEX Datasheet
279Kb / 6P
10-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results

Similar Description - PI3CH1000LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3CH800 PERICOM-PI3CH800 Datasheet
579Kb / 8P
LOW Voltage, 5?? 8-Channel 2-Port NanoSwitch?
PI3CH200 PERICOM-PI3CH200 Datasheet
640Kb / 8P
Low Voltage, 5廓, 2-Channel 2-Port NanoSwitch?
PI3CH400 PERICOM-PI3CH400 Datasheet
579Kb / 8P
Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PI3CH401 PERICOM-PI3CH401 Datasheet
376Kb / 8P
Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com