Electronic Components Datasheet Search
  English  ▼

X  

7R13 Datasheet(PDF) 1 Page - GEDORE Werkzeugfabrik GmbH & Co. KG

Part # 7R13
Description  Open ended spanner with ring ratchet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEDORE [GEDORE Werkzeugfabrik GmbH & Co. KG]
Direct Link  https://www.gedore.com/
Logo GEDORE - GEDORE Werkzeugfabrik GmbH & Co. KG

7R13 Datasheet(HTML) 1 Page - GEDORE Werkzeugfabrik GmbH & Co. KG

  7R13 Datasheet HTML 1Page - GEDORE Werkzeugfabrik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
7 R Open ended spanner with ring ratchet
For difficult screw connections. The open end is for loosening
tightly-fitting bolts, the ring ratchet is for ratchet loosening and fast
tightening. No more repositioning necessary - this is the modern
way to tighten bolts. Fine toothed (72 teeth) and a very low
constructional height make the 7 R range an indispensable aid in
places where the normal ratchet is too large or clumsy.
Astonishingly high torque transfer - the DIN requirements are
exceeded. To use the spanner as bit ratchet the adapter 618 with
1/4" square drive can be separately ordered.
Code
No.
!
L mm
a1
a2
b1
b2
/
6081300 7 R 8
8
140.0
6.6
4.0
16.7
16.8
30
6081490 7 R 9
9
150.0
6.9
4.8
18.3
18.4
40
6081570 7 R 10
10
160.0
7.3
4.6
19.7
20.3
43
6081650 7 R 11
11
165.5
7.7
5.0
21.3
22.3
55
6081730 7 R 12
12
172.0
8.2
5.3
22.2
24.6
63
6081810 7 R 13
13
177.0
8.7
5.7
24.6
26.3
73
6082030 7 R 14
14
191.0
9.1
6.2
26.8
28.6
92
6082110 7 R 15
15
200.0
9.4
6.6
28.7
31.1
108
6082380 7 R 16
16
208.5
10.0
6.6
29.5
32.6
119
6082460 7 R 17
17
225.0
10.3
6.8
31.3
34.6
147
6082540 7 R 18
18
236.5
10.7
7.6
32.8
36.9
171
6082620 7 R 19
19
248.0
11.2
8.1
33.9
39.3
193
3
60 CP Single open ended spanner
adjustable
Swedish pattern, roller with left hand thread. Jaw set at 15 .
GEDORE vanadium steel 31CrV3, mat. No. 1.2208, chrome-
plated, polished heads.
Code
No.
L mm
!
"
/
6380990 60 CP 6
155
20
25/32
150
6381020 60 CP 8
205
25
1
250
6381100 60 CP 10
255
30
1.3/16
450
6381290 60 CP 12
305
36
1.7/16
700
DIN 3117 Form A
6 Double open ended spanner set
Boxed in illustrated cartons. H = set in stable plastic holder.
Code
No.
!
/
6077380 6-8
6x7 8x9 10x11 12x13 14x15 16x17 18x19 20x22
750
6077890 6-120
6x7 8x9 10x11 12x13 14x15 16x17 18x19 20x22 21x23
24x27 25x28 30x32
2150
DIN 3110, ISO 3318, ISO 1085, ISO 10102
KD 26 R Double ended socket wrench set
with tommy bars
Code
No.
Contents
/
6218540 KD 26 R-8
6x7 8x9 10x11 12x13 14x15 16x17 18x19 20x22
26 RS-1 -2 -3
1720
1
DIN 896 Form B, ISO 2236, ISO 1085


Similar Part No. - 7R13

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
7R13 MULTICOMP-7R13 Datasheet
139Kb / 1P
Push Button Actuator
01/03/21 V1.1
More results

Similar Description - 7R13

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190840008 MOLEX4-0190840008 Datasheet
90Kb / 2P
Open Barrel Star Ring
logo
Amphenol Corporation
227-1490 AMPHENOL-227-1490 Datasheet
45Kb / 1P
HD-BNC SPANNER WRENCH
logo
PANDUIT CORP.
MR20 PANDUIT-MR20 Datasheet
94Kb / 1P
RATCHET TOOL
logo
PHOENIX CONTACT
CUTFOX-45 PHOENIX-CUTFOX-45 Datasheet
48Kb / 2P
With ratchet function for minimum effort
CUTFOX-100 PHOENIX-CUTFOX-100 Datasheet
48Kb / 2P
With ratchet function for minimum effort
CUTFOX-50-STEEL PHOENIX-CUTFOX-50-STEEL Datasheet
46Kb / 2P
With ratchet function for minimum effort
RC-Z2096 PHOENIX-RC-Z2096 Datasheet
50Kb / 1P
Pipe spanner
RC-Z2099 PHOENIX-RC-Z2099 Datasheet
50Kb / 1P
Pipe spanner
1604249 PHOENIX-1604249 Datasheet
50Kb / 1P
Pipe spanner - RC-Z2096
1604255 PHOENIX-1604255 Datasheet
54Kb / 2P
Pipe spanner - RC-Z2099
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com