Electronic Components Datasheet Search
  English  ▼

X  

SN74AS137 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS137
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AS137 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS137 Datasheet HTML 1Page - Texas Instruments SN74AS137 Datasheet HTML 2Page - Texas Instruments SN74AS137 Datasheet HTML 3Page - Texas Instruments SN74AS137 Datasheet HTML 4Page - Texas Instruments SN74AS137 Datasheet HTML 5Page - Texas Instruments SN74AS137 Datasheet HTML 6Page - Texas Instruments SN74AS137 Datasheet HTML 7Page - Texas Instruments SN74AS137 Datasheet HTML 8Page - Texas Instruments SN74AS137 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN54ALS137A, SN74ALS137A, SN74AS137
3LINE TO 8LINE DECODERS/DEMULTIPLEXERS
WITH ADDRESS LATCHES
SDAS203C − APRIL 1982 − REVISED JANUARY 1995
Copyright
 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Combines Decoder and 3-Bit Address
Latch
• Incorporates Two Output Enables to
Simplify Cascading
• Package Options Include Plastic Small-
Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
The
SN54ALS137A,
SN74ALS137A,
and
SN74AS137 are 3-line to 8-line decoders/
demultiplexers with latches on the three address
inputs. When the latch-enable (LE) input is low,
the devices act as decoders/demultiplexers.
When LE goes from low to high, the address
present at the select (A, B, and C) inputs is stored
in the latches. Further address changes are
ignored as long as LE remains high. The
output-enable controls (G1 and G2) control the
outputs
independently
of
the
select
or
latch-enable inputs. All of the outputs are forced
high if G1 is low or G2 is high. These devices are
ideally
suited
for
implementing
glitch-free
decoders in strobed (stored-address) applications
in bus-oriented systems.
The SN54ALS137A is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The SN74ALS137A and SN74AS137
are characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS
ENABLE
SELECT
OUTPUTS
LE
G1
G2
C
B
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
X
H
X
X
X
H
H
H
H
H
H
H
H
X
LX
X
XX
H
HH
HH
HH
H
L
H
L
L
L
L
L
H
H
H
H
H
H
H
L
HL
L
LH
H
L
H
HH
HH
H
L
HL
L
HLH
H
L
HH
HH
H
L
HL
L
HH
H
HH
L
H
HH
H
L
H
L
H
L
L
H
H
H
H
L
H
H
H
L
HL
H
LH
H
HH
HH
L
H
H
L
HL
H
HLH
HH
HH
H
L
H
L
HL
H
HH
H
HH
HH
HH
L
H
H
L
X
X
X
Outputs corresponding to stored address = L; all others = H
SN54ALS137A ...J PACKAGE
SN74ALS137A, SN74AS137 ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
NC
Y3
Y4
C
LE
NC
G2
G1
SN54ALS137A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
LE
G2
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS137 TI-SN74AS137 Datasheet
518Kb / 15P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN74AS137D TI-SN74AS137D Datasheet
518Kb / 15P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN74AS137D TI-SN74AS137D Datasheet
439Kb / 15P
3-LINE TO 8-LINE DECODERS/DEMILTIPLEXERS WITH ADDRESS LATCHES
SN74AS137DR TI-SN74AS137DR Datasheet
518Kb / 15P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN74AS137DR TI-SN74AS137DR Datasheet
439Kb / 15P
3-LINE TO 8-LINE DECODERS/DEMILTIPLEXERS WITH ADDRESS LATCHES
More results

Similar Description - SN74AS137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com