Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS166DBR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALS166DBR
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ALS166DBR Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALS166DBR Datasheet HTML 1Page - Texas Instruments SN74ALS166DBR Datasheet HTML 2Page - Texas Instruments SN74ALS166DBR Datasheet HTML 3Page - Texas Instruments SN74ALS166DBR Datasheet HTML 4Page - Texas Instruments SN74ALS166DBR Datasheet HTML 5Page - Texas Instruments SN74ALS166DBR Datasheet HTML 6Page - Texas Instruments SN74ALS166DBR Datasheet HTML 7Page - Texas Instruments SN74ALS166DBR Datasheet HTML 8Page - Texas Instruments SN74ALS166DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN74ALS166
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SDAS156D – APRIL 1982 – REVISED AUGUST 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = –0.4 mA
VCC–2
V
VOL
VCC =4 5V
IOL = 4 mA
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICC
VCC = 5.5 V,
See Note 2
14
24
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
NOTE 2: With 4.5 V applied to SER and all other inputs, except the clock, grounded, ICC is measured after a clock transition from 0 V to 4.5 V.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
MIN
MAX
UNIT
fclock
Clock frequency
45
MHz
CLR low
9
tw
Pulse duration
CLK high
10
ns
CLK low
10
↑
SH/LD
16
tsu
Setup time before CLK
↑
Data
7
ns
CLR inactive
11
th
Hold time, data after CLK
↑
3
ns
switching characteristics over recommended operating conditions (unless otherwise noted)
(see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP†
MAX
UNIT
fmax
45
MHz
tPHL
CLR
QH
4
9
14
ns
tPLH
CLK
QH
2
7
12
ns
tPHL
CLK
QH
2
9
13
ns
† All typical values are at VCC = 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com