Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS232B Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALS232B
Description  16 × 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ALS232B Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALS232B Datasheet HTML 1Page - Texas Instruments SN74ALS232B Datasheet HTML 2Page - Texas Instruments SN74ALS232B Datasheet HTML 3Page - Texas Instruments SN74ALS232B Datasheet HTML 4Page - Texas Instruments SN74ALS232B Datasheet HTML 5Page - Texas Instruments SN74ALS232B Datasheet HTML 6Page - Texas Instruments SN74ALS232B Datasheet HTML 7Page - Texas Instruments SN74ALS232B Datasheet HTML 8Page - Texas Instruments SN74ALS232B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN74ALS232B
16
× 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SCAS251B – FEBRUARY 1989 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing diagram
Invalid
Invalid
Word 1
Word 1
Word 2 Word 3
RST
LDCK
D0–D3
UNCK
Q0–Q3
EMPTY
FULL
W1
W2
W3
Don’t Care
W1
W2
W15 W16
Word 2 Word 3 Word 4
Initialize
Pointers
Load
W1
Unload
W2
Empty
Full
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to a disabled 3-state output
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DW package
105
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FN package
83
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
78
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the “recommended operating conditions” section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com