Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS166DR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS166DR
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ALS166DR Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS166DR Datasheet HTML 1Page - Texas Instruments SN74ALS166DR Datasheet HTML 2Page - Texas Instruments SN74ALS166DR Datasheet HTML 3Page - Texas Instruments SN74ALS166DR Datasheet HTML 4Page - Texas Instruments SN74ALS166DR Datasheet HTML 5Page - Texas Instruments SN74ALS166DR Datasheet HTML 6Page - Texas Instruments SN74ALS166DR Datasheet HTML 7Page - Texas Instruments SN74ALS166DR Datasheet HTML 8Page - Texas Instruments SN74ALS166DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN74ALS166
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SDAS156D – APRIL 1982 – REVISED AUGUST 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
CLR
SRG8
R
9
M1 [Shift]
15
M2 [Load]
6
CLK INH
7
CLK
C3/1
2, 3D
3
B
4
C
5
D
10
E
11
F
12
G
14
H
1, 3D
1
SER
2, 3D
2
A
13
≥1
QH
SH/LD
† This symbol is in accordance with ANSI/IEEE Standard 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
15
9
7
6
13
SH/LD
CLR
CLK
CLK INH
QH
1
234
5
10
11
12
14
SER
A
B
C
D
E
F
G
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com