Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS992 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS992
Description  9-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ALS992 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS992 Datasheet HTML 1Page - Texas Instruments SN74ALS992 Datasheet HTML 2Page - Texas Instruments SN74ALS992 Datasheet HTML 3Page - Texas Instruments SN74ALS992 Datasheet HTML 4Page - Texas Instruments SN74ALS992 Datasheet HTML 5Page - Texas Instruments SN74ALS992 Datasheet HTML 6Page - Texas Instruments SN74ALS992 Datasheet HTML 7Page - Texas Instruments SN74ALS992 Datasheet HTML 8Page - Texas Instruments SN74ALS992 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74ALS992
9-BIT D-TYPE TRANSPARENT READ-BACK LATCH
WITH 3-STATE OUTPUTS
SDAS028B – APRIL 1984 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• 3-State I/O-Type Read-Back Inputs
• Bus-Structured Pinout
• True Logic Outputs
• Designed With Nine Bits for Parity
Applications
• Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic (NT) 300-mil DIPs
description
This 9-bit latch is designed specifically for storing
the contents of the input data bus and providing
the capability of reading back the stored data onto
the input data bus. In addition, this device provides
a 3-state buffer-type output and is easily
implemented in parity applications.
The nine latches are transparent D-type latches. While the latch-enable (LE) input is high, the Q outputs follow
the data (D) inputs. The Q outputs are in the 3-state condition when the output-enable (OEQ) input is high.
Read back is provided through the output-enable (OERB) input. When OERB is taken low, the data present at
the output of the data latches is allowed to pass back onto the input data bus. When OERB is taken high, the
output of the data latches is isolated from the D inputs. OERB does not affect the internal operation of the latches;
however, precautions should be taken not to create a bus conflict.
The SN74ALS992 is characterized for operation from 0
°C to 70°C.
logic symbol†
C1
13
LE
2D
3
3D
4
4D
5
5D
6
6D
7
7D
8
8D
9
2
5Q
19
6Q
18
7Q
17
8Q
16
2Q
22
3Q
21
4Q
20
1Q
23
1D
2
1D
R
11
CLR
EN2
1
OERB
EN3
14
OEQ
3
9D
10
9Q
15
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
DW OR NT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OERB
1D
2D
3D
4D
5D
6D
7D
8D
9D
CLR
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
OEQ
LE
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS992

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS992 TI-SN74ALS992 Datasheet
95Kb / 6P
9-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS
SN74ALS992DW TI-SN74ALS992DW Datasheet
95Kb / 6P
9-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS
SN74ALS992NT TI-SN74ALS992NT Datasheet
95Kb / 6P
9-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS992

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS992 TI-SN74ALS992 Datasheet
95Kb / 6P
9-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com