Electronic Components Datasheet Search
  English  ▼

X  

AHA Datasheet(PDF) 2 Page - YAGEO Corporation

Part # AHA
Description  ALUMINUM HOUSED RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AHA Datasheet(HTML) 2 Page - YAGEO Corporation

  AHA Datasheet HTML 1Page - YAGEO Corporation AHA Datasheet HTML 2Page - YAGEO Corporation AHA Datasheet HTML 3Page - YAGEO Corporation AHA Datasheet HTML 4Page - YAGEO Corporation AHA Datasheet HTML 5Page - YAGEO Corporation AHA Datasheet HTML 6Page - YAGEO Corporation AHA Datasheet HTML 7Page - YAGEO Corporation AHA Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.yageo.com
Mar. 01, 2024 V.2
Aluminum Resistors
2
8
Product Specification
AHA, AHP
Through Hole Resistors
APPLICATIONS
 Power, pulse application
 Industry electronic
 BMS
 Large-sized machinery
FEATURES
 Reduced size
 Heatsink mounted
 Excellent surge performance
 Corrosion-resistant aluminum
are corrugated for added
strength and power dissipation
 RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the aluminum housed power wirewound resistor resistors
are identified by the series, power rating, tolerance, packing, temperature
coefficient, type and resistance value.
PART NUMBER
AHA
500
F
B
-
U
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES
AHA Series = Lug / Threaded terminal
AHP Series = Axial lead
(2) POWER RATING
500= 5W
10A = 10W
25A = 25W
50A = 50W
(3) TOLERANCE
F = ±1%
G = ±2%
J= ±5%
K = ±10%
(4) PACKAGING
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
E=±50ppm/°C,
F=±100ppm/°C,
G=±200ppm/°C
- = Based on spec.
(6) TYPE
Optional code, represents specific requirement,
Example:
U = Resin glue filling
W = Silicone sealant filling
Null = Quartz filling, resin glue sealing
(7) RESISTANCE VALUE
E24 & E96 Series
Example:
1R = 1
Ω, 10R = 10Ω, 100R= 100Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com