Electronic Components Datasheet Search
  English  ▼

X  

AHB Datasheet(PDF) 2 Page - YAGEO Corporation

Part # AHB
Description  High Power, Wirewound Threaded, Chassis Mount AHB Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AHB Datasheet(HTML) 2 Page - YAGEO Corporation

  AHB Datasheet HTML 1Page - YAGEO Corporation AHB Datasheet HTML 2Page - YAGEO Corporation AHB Datasheet HTML 3Page - YAGEO Corporation AHB Datasheet HTML 4Page - YAGEO Corporation AHB Datasheet HTML 5Page - YAGEO Corporation AHB Datasheet HTML 6Page - YAGEO Corporation AHB Datasheet HTML 7Page - YAGEO Corporation AHB Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.yageo.com
Aug. 31, 2023 V.1
Aluminum Housed Resistors
2
8
Product Specification
AHB
Through Hole Resistors
APPLICATIONS
Power, pulse application
Industry electronic
BMS
Large-sized machinery
FEATURES
Reduced size
Heatsink mounted
Excellent surge performance
Corrosion-resistant aluminum
are corrugated for added
strength and power dissipation
RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the aluminum housed power wirewound resistor is
identified by the series, power rating, tolerance, packing, temperature
coefficient, type and resistance value.
PART NUMBER
AHB
10B
J
B
-
U
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES
AHB Series
(2) POWER RATING
75A = 75W
10B = 100W
15B = 150W
20B = 200W
25B = 250W
30B = 300W
50B = 500W
(3) TOLERANCE
F = ±1%
G = ±2%
J = ±5%
K = ±10%
(4) PACKAGING
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
E=±50ppm/°C
F=±100ppm/°C
- = Based on spec.
(6) TYPE
Optional code, represents specific requirement,
Example:
U = Resin glue filling
W = Silicone sealant filling
GW = Silicone sealant filling, terminal diameter in 2 mm
Null = Quartz filling, resin glue sealing
.
(7) RESISTANCE VALUE
E24 & E96 Series
Example:
0R1 = 0.1Ω, 10R = 10Ω, 1K = 1,000Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com