Electronic Components Datasheet Search
  English  ▼

X  

0801521 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801521
Description  UCT-WMT (10X4) BU CUS - Conductor marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801521 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801521 Datasheet HTML 1Page - PHOENIX CONTACT 0801521 Datasheet HTML 2Page - PHOENIX CONTACT 0801521 Datasheet HTML 3Page - PHOENIX CONTACT 0801521 Datasheet HTML 4Page - PHOENIX CONTACT 0801521 Datasheet HTML 5Page - PHOENIX CONTACT 0801521 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Conductor marker, can be ordered: by sheet, blue, labeled according to customer specifications,
cable diameter range: 0.6 ... 7 mm, mounting type: insert, Number of individual labels: 60, text
field height: 4 mm, text field width: 10 mm
Commercial data
Item number
0801521
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8128
GTIN
4046356682671
Weight per piece (including packing)
14.9 g
Weight per piece (excluding packing)
10.9 g
Country of origin
PL
UCT-WMT (10X4) BU CUS - Conductor marker
0801521
https://www.phoenixcontact.com/us/products/0801521
Jul 15, 2025, 12:59AM
Page 1 (6)


Similar Part No. - 0801521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801520 PHOENIX-0801520 Datasheet
183Kb / 4P
UCT-WMT (10X4) VT CUS - Conductor marker
0801522 PHOENIX-0801522 Datasheet
191Kb / 6P
UCT-WMT (12X4) CUS - Conductor marker
0801523 PHOENIX-0801523 Datasheet
194Kb / 6P
UCT-WMT (12X4) YE CUS - Conductor marker
0801524 PHOENIX-0801524 Datasheet
196Kb / 6P
UCT-WMT (12X4) RD CUS - Conductor marker
0801527 PHOENIX-0801527 Datasheet
195Kb / 6P
UCT-WMT (12X4) GN CUS - Conductor marker
More results

Similar Description - 0801521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824631 PHOENIX-0824631 Datasheet
54Kb / 3P
Marker for terminal blocks - UC-TMF 4 BU CUS
0824934 PHOENIX-0824934 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/BU CUS
0824966 PHOENIX-0824966 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/BU CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com