Electronic Components Datasheet Search
  English  ▼

X  

0808435 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0808435
Description  PMH 0:(200X0-9,400X1) - Wire marking tag
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808435 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0808435 Datasheet HTML 1Page - PHOENIX CONTACT 0808435 Datasheet HTML 2Page - PHOENIX CONTACT 0808435 Datasheet HTML 3Page - PHOENIX CONTACT 0808435 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Labeled conductor marker
Type
Profile
Marking
Printing direction
horizontal
Printing
Numbers
Mounting
Mounting type
slide-on
Material specifications
Color
yellow (RAL 1018)
Material
Ethylene-vinyl acetate (EVA)
Flammability rating according to UL 94
V0
Components
free from silicone, halogen, and cadmium
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-45 °C ... 70 °C
Ambient temperature (assembly)
> 10 °C
Dimensions
Width
3.2 mm
Length
4.5 mm
External dimensions
Outside diameter
1.4 mm ... 2.5 mm
Text field
Text field width
3.2 mm
Text field height
2.6 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
PMH 0:(200X0-9,400X1) - Wire marking tag
0808435
https://www.phoenixcontact.com/us/products/0808435
Jul 15, 2025, 12:30AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com