Electronic Components Datasheet Search
  English  ▼

X  

SN54HCT240J Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HCT240J
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HCT240J Datasheet(HTML) 1 Page - Texas Instruments

  SN54HCT240J Datasheet HTML 1Page - Texas Instruments SN54HCT240J Datasheet HTML 2Page - Texas Instruments SN54HCT240J Datasheet HTML 3Page - Texas Instruments SN54HCT240J Datasheet HTML 4Page - Texas Instruments SN54HCT240J Datasheet HTML 5Page - Texas Instruments SN54HCT240J Datasheet HTML 6Page - Texas Instruments SN54HCT240J Datasheet HTML 7Page - Texas Instruments SN54HCT240J Datasheet HTML 8Page - Texas Instruments SN54HCT240J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54HCT240, SN74HCT240
OCTAL BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS174E − MARCH 1984 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D High-Current Outputs Drive Up To 15
LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 12 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
description/ordering information
These octal buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters. The ’HCT240 devices are organized
as
two
4-bit
buffers/drivers
with
separate
output-enable (OE) inputs. When OE is low, the
device passes inverted data from the A inputs to
the Y outputs. When OE is high, the outputs are
in the high-impedance state.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 20
SN74HCT240N
SN74HCT240N
SOIC − DW
Tube of 25
SN74HCT240DW
HCT240
SOIC − DW
Reel of 2000
SN74HCT240DWR
HCT240
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HCT240NSR
HCT240
−40 C to 85 C
Tube of 70
SN74HCT240PW
TSSOP − PW
Reel of 2000
SN74HCT240PWR
HT240
TSSOP − PW
Reel of 250
SN74HCT240PWT
HT240
CDIP − J
Tube of 20
SNJ54HCT240J
SNJ54HCT240J
−55
°C to 125°C
CFP − W
Tube of 85
SNJ54HCT240W
SNJ54HCT240W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HCT240FK
SNJ54HCT240FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54HCT240 ...J OR W PACKAGE
SN74HCT240 ...DW, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54HCT240...FK PACKAGE
(TOP VIEW)
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HCT240J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT240J TI-SN54HCT240J Datasheet
84Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT240J TI1-SN54HCT240J Datasheet
1Mb / 20P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT240J TI1-SN54HCT240J Datasheet
718Kb / 12P
SNx4HCT240 Octal Buffers and Line Drivers With 3-State Outputs
REVISED AUGUST 2024
More results

Similar Description - SN54HCT240J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS240 TI-SN74LS240 Datasheet
936Kb / 28P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_08 Datasheet
635Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com