Electronic Components Datasheet Search
  English  ▼

X  

SPT Datasheet(PDF) 1 Page - Novaris

Part # SPT
Description  SPT - Surge Protection Tester
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

SPT Datasheet(HTML) 1 Page - Novaris

  SPT Datasheet HTML 1Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Specifications
T echnical Infor mation Sheet
www.novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
Novaris has a policy of continuing product development, therefore specifications are subject to change without notice. Copyright: © 2015 Novaris Pty Ltd
SPT - Surge Protection Tester
SPT (0060-D1V2)
Multifunction Surge Protection Tester
Use the Novaris Surge Protection Tester to monitor and diagnose Novaris
products without built in visual indication.
Voltage Clamping and Switching tests
Voltage clamping devices such as Metal Oxide Varistors or Silicon Avalanche
Diodes are rated by their breakdown voltage. The SPT-02 applies an increasing
voltage until 1mA of current flows through the clamping component.
Voltage switching devices such as Spark Gaps or Gas Discharge Tubes are rated
by their firing voltage. The SPT-02 applies an increasing voltage until it registers
the short circuit produced by the arc.
These values are presented on the 2 x 16 character display until the next test
is performed.
Multifunction
Other test modes supported include insulation resistance to 8GΩ at up to
1000V, voltmeter, diode testing and resistance testing from 0.01Ω to 400kΩ.
Portable
The SPT-02 is designed with portability in mind. The unit comes it a carry case
and is powered by 6 x AA batteries.
Model
SPT-02
MOV Test
Measuring Range
5 - 1020 VDC
Voltage Accuracy
± 3 %
GDT Test
Measuring Range
5 - 1020 VDC
Voltage Accuracy
± 3 %
Voltmeter
DC Voltage
0 - 950 V
AC Voltage
0 - 700 V
Resolution
1 V
Voltage Accuracy
± 3 %
Insulation Resistance
Test Voltage
250 V, 500 V, 1000 V
Measuring Range
250 V → 0.2 MΩ - 2 GΩ
500 V → 0.2 MΩ - 4 GΩ
1000 V → 0.2 MΩ - 8 GΩ
Accuracy
0.2 MΩ - 4 GΩ → ± 3 %
4 MΩ - 8 GΩ → ± 5 %
Short Circuit Current
1.2 mA
Polarisation Index (PI)
on all ranges
Detective Absorbtion Ratio (DAR)
on all ranges
Diode Test
Test Voltage
5 VDC
Max. Test Current
1.5 mA
Measurement Voltage
0 - 4.5 V
Accuracy
± 3 %
Model
SPT-02
Continuity
Ranges
0.01 - 100 Ω
100 - 300 Ω
300 - 1999 Ω
Accuracy
0.01 - 100 Ω → ± 1.0 %
100 - 300 Ω → ± 1.5 %
300 - 1999 Ω → ± 2.0 %
Auto Null
up to 5 Ω
Buzzer
up to 3 Ω
kΩ Test
Ranges
1- 400 kΩ
Short Circuit Test Current
≥ 1.3 mA
General
Fuse
500 mA 250 V Fast Blow
Display
2 Line x 16 Character LCD
Dimensions
205 mm x 90 mm x 55 mm (L x W x D)
Power Source
1.5 V AA x 6
Storage Temperature
-20 to +70 ºC
Weight
1.5 kg
Customs Tariff
85354010
Accessories
Test Leads
Fuse (0.5 A 250V)
Heavy Duty Case
Instruction Manual
Batteries
Standards
EN 61010-1 CATIII 600 V
EN 61326-1


Similar Part No. - SPT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SPT FRONTIER-SPT Datasheet
590Kb / 2P
SWITCHING POWER TRANSFORMERS
logo
Sensata Technologies, I...
SPT SENSATA-SPT Datasheet
194Kb / 2P
SPT ENCODER INTERFACE MODULES
logo
Magnelab.
SPT-0375-150 MAGNELAB-SPT-0375-150 Datasheet
166Kb / 1P
Potential Voltage Transformers SPT-0375
SPT-0375-300 MAGNELAB-SPT-0375-300 Datasheet
166Kb / 1P
Potential Voltage Transformers SPT-0375
SPT-0375-600 MAGNELAB-SPT-0375-600 Datasheet
166Kb / 1P
Potential Voltage Transformers SPT-0375
More results

Similar Description - SPT

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FS-LB-I PF-FS-LB-I Datasheet
642Kb / 4P
Surge Protection Barrier
P-LB-1.A.13 PF-P-LB-1.A.13 Datasheet
799Kb / 4P
Surge Protection Barrier
P-LB-1.B.12 PF-P-LB-1.B.12 Datasheet
803Kb / 4P
Surge Protection Barrier
P-LB-1.C.123 PF-P-LB-1.C.123 Datasheet
812Kb / 4P
Surge Protection Barrier
P-LB-1.D.1234 PF-P-LB-1.D.1234 Datasheet
816Kb / 4P
Surge Protection Barrier
P-LB-2.D.123456 PF-P-LB-2.D.123456 Datasheet
826Kb / 4P
Surge Protection Barrier
K-LB-1.30 PF-K-LB-1.30 Datasheet
666Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-1.6G PF-K-LB-1.6G Datasheet
667Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-2.6 PF-K-LB-2.6 Datasheet
669Kb / 4P
Surge Protection Barrier
2022-01-12
logo
Eaton All Rights Reserv...
SG13309 EATON-SG13309 Datasheet
1Mb / 36P
Surge Protection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com