Electronic Components Datasheet Search
  English  ▼

X  

SSP1 Datasheet(PDF) 2 Page - Novaris

Part # SSP1
Description  SSP1 - Series Surge Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

SSP1 Datasheet(HTML) 2 Page - Novaris

  SSP1 Datasheet HTML 1Page - Novaris SSP1 Datasheet HTML 2Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Specifications
www.novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
Novaris has a policy of continuing product development, therefore specifications are subject to change without notice. Copyright: © 2016 Novaris Pty Ltd
Model
SSP1-16-15-275 SSP1-20-50-275 SSP1-20-100-275 SSP1-32-50-275 SSP1-32-100-275 SSP1-63-50-275 SSP1-63-100-275
Electrical Specifications
Connection type
Series
Series
Series
Series
Series
Series
Series
Modes of protection
L-N, L-PE, N-PE
L-N, L-PE, N-PE
L-N, L-PE, N-PE
L-N, L-PE, N-PE
L-N, L-PE, N-PE
L-N, L-PE, N-PE
L-N, L-PE, N-PE
Phases
1
1
1
1
1
1
1
Nominal voltage
U
o
230 VAC
230 VAC
230 VAC
230 VAC
230 VAC
230 VAC
230 VAC
Short circuit withstand level
I
SCCR
25 kA
25 kA
25 kA
25 kA
25 kA
25 kA
25 kA
Maximum backup fuse (gL/gG)
16 A
20 A
20 A
32 A
32 A
63 A
63 A
L-N
Maximum continuous voltage
U
C
275 VAC
275 VAC
275 VAC
275 VAC
275 VAC
275 VAC
275 VAC
Maximum load current
I
L
16 A
20 A
20 A
32 A
32 A
63 A
63 A
Maximum voltage Drop (% of U
o)
∆U 0
0
0
0
0
0
0
Maximum discharge current (8/20 µs)
I
max
15 kA
50 kA
100 kA
50 kA
100 kA
50 kA
100 kA
Lightning impulse current (10/350 µs)
I
imp
–
–
6.25 kA
–
6.25 kA
–
6.25 kA
Nominal discharge current (8/20 µs)
I
n
6 kA
20 kA
40 kA
20 kA
40 kA
20 kA
40 kA
Voltage protection level @ 3 kA 8/20 µs U
p
< 800 V
< 800 V
< 800 V
< 800 V
< 800 V
< 800 V
< 800 V
Voltage protection level @ I
n
U
p
< 1000 V
< 1300 V
< 1700 V
< 1300 V
< 1700 V
< 1300 V
< 1700 V
Response time
t
A
< 5 ns
< 5 ns
< 5 ns
< 5 ns
< 5 ns
< 5 ns
< 5 ns
Temporary overvoltage (TOV)
U
T
440 V / 5 s (Withstand)
N-PE
Maximum continuous voltage
U
C
275 VAC
255 VAC
255 VAC
255 VAC
255 VAC
255 VAC
255 VAC
Maximum discharge current (8/20 µs)
I
max
15 kA
60 kA
60 kA
60 kA
60 kA
60 kA
60 kA
Lightning impulse current (10/350 µs)
I
imp
–
15 kA
15 kA
15 kA
15 kA
15 kA
15 kA
Nominal discharge current (8/20 µs)
I
n
6 kA
50 kA
50 kA
50 kA
50 kA
50 kA
50 kA
Voltage protection level @ 1 kV/ µs
U
p
–
< 700 V
< 700 V
< 700 V
< 700 V
< 700 V
< 700 V
Voltage protection level @ I
n
U
p
< 1000 V
< 1300 V
< 1300 V
< 1300 V
< 1300 V
< 1300 V
< 1300 V
Response time
t
A
< 5 ns
< 100 ns
< 100 ns
< 100 ns
< 100 ns
< 100 ns
< 100 ns
Temporary overvoltage (TOV)
U
T
440 V / 5 s
1200 V / 0.2 s
1200 V / 0.2 s
1200 V / 0.2 s
1200 V / 0.2 s
1200 V / 0.2 s
1200 V / 0.2 s
Follow current interrupt rating
I
fi
–
100 A
100 A
100 A
100 A
100 A
100 A
Earth leakage current
< 500 µA
< 10 µA
< 10 µA
< 10 µA
< 10 µA
< 10 µA
< 10 µA
Indication
Display
LED status
LED status
External alarm
–
Active alarm optional
Display / Alarm function
–
Power fail safe, thermal overload, SPDT voltage free contact
Alarm isolation
–
4 kV
Mechanical Specifications
Operating temperature
-40 to +70 ºC
-40 to +70 ºC
-40 to +70 ºC
-40 to +70 ºC
-40 to +70 ºC
-40 to +70 ºC
-40 to +70 ºC
Humidity Range
5 to 95% non–condensing
Terminal capacity – power
0.5 – 2.5 mm2
2.5 – 16 mm2
2.5 – 16 mm2
2.5 – 16 mm2
2.5 – 16 mm2
2.5 – 16 mm2
2.5 – 16 mm2
Terminal capacity – alarms
–
0.5 – 2.5 mm2
0.5 – 2.5 mm2
0.5 – 2.5 mm2
0.5 – 2.5 mm2
0.5 – 2.5 mm2
0.5 – 2.5 mm2
Terminal screw torque – power
0.5 Nm
2.0 Nm
2.0 Nm
2.0 Nm
2.0 Nm
2.0 Nm
2.0 Nm
Terminal screw torque – alarm
–
0.5 Nm
0.5 Nm
0.5 Nm
0.5 Nm
0.5 Nm
0.5 Nm
Environmental / Location
IP 20 / Indoors
IP 20 / Indoors
IP 20 / Indoors
IP 20 / Indoors
IP 20 / Indoors
IP 20 / Indoors
IP 20 / Indoors
Dimensional Drawing
C
A without alarm, B with alarm
Device width
18 mm
54 mm without alarm, 72 mm with alarm
Mounting
TS35 DIN rail / Panel mount
Enclosure / Colour
Metal / Black
Standards
IEC 61643-11:2011
SPD connected to low-voltage power systems - Type 2 + 3
AS/NZS 1768:2007
A.C. power system SPD - Cat C, B, A
UL 1449 3rd edition
Low voltage SPD - Type 2, Type 3
IEEE 62.41.2:2002
Low voltage SPD - Cat B, Cat C
Shipping
Weight
200 g
315 g
335 g
315 g
335 g
395 g
415 g
Customs Tariff
85354010
85354010
85354010
85354010
85354010
85354010
85354010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com