Electronic Components Datasheet Search
  English  ▼

X  

TSC Datasheet(PDF) 1 Page - Novaris

Part # TSC
Description  TSC - Transient Surge Counters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

TSC Datasheet(HTML) 1 Page - Novaris

  TSC Datasheet HTML 1Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Specifications
Dimensions
Ordering Information
Installation
T echnical Infor mation Sheet
www.novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
Novaris has a policy of continuing product development, therefore specifications are subject to change without notice. Copyright: © 2016 Novaris Pty Ltd
TSC - Transient Surge Counters
TSC (0017-D2V2)
Transient Surge Counters
Use the Novaris range of Transient Surge Counters to monitor the level of surge
activity at your site. This information can be used to monitor the effectiveness
of the installed structural and surge protection equipment.
Structural and Surge Protection Monitoring
The TSC series comes in a variety of configurations to suit a wide range
of monitoring applications. The TSC1-IP65 is designed to be installed on
downconductors such as those used in structural protection or even tower legs.
This gives an indication of direct strike activity. The TSC1-DIN range is designed
for monitoring earth conductors directly or indirectly via a current transformer.
This gives an indication of the effectiveness of the surge protection devices on
site by monitoring the SPDs earth connection
Sensitive but with excellent noise rejection
The Novaris TSC range is sensitive enough to detect a surge lasting for a
fraction of a millisecond at only 100A but will reject all background noise to
deliver accurate results.
7 Year Lifespan
The TSC range has a battery life of 7 years. The unit display is always on
requiring no interaction to record the current count level. The display can be
reset with a simple button press.
Model
TSC1-IP65 TSC1-DIN
TSC1-CT
Electrical Specifications
Sensitivity
85 A
85 A
85 A
Threshold current
I
tc
100 A
100 A
100 A
Max. counting discharge current I
mcw
200 kA
200 kA
200 kA
Battery life of counter
7 years
7 years
7 years
Display
Resettable, LCD
Mechanical Specifications
Operating temperature
-40 to +70 ºC
-40 to +70 ºC
-40 to +70 ºC
Humidity Range
5 to 95% non–condensing
Terminal capacity
–
16 mm2
50 mm2
Terminal screw torque
–
2.0 Nm
–
Environmental
IP 67
IP 20
IP 20
Device width
80 mm
54 mm
51 mm
Mounting
Clamp
TS35 DIN rail TS35 DIN rail
Counter connection
–
2-way plug
3.5 mm Jack
Enclosure / Colour
IP67/grey
metal/black
Standards
IEC 62561-6:2011
Requirements for lightning strike counters (LSC)
Shipping
Weight
400 g
600 g
600 g
Customs Tariff
85354010
85354010
85354010
51
54
80
49
13
32
23.5
22
TSC1-DIN
TSC1-CT
72
48
48.5
SURGE COUNTER
80
TSC1-IP65
65


Similar Part No. - TSC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
Miniature, Sealed PC Board Relay
logo
Tumbler Technologies + ...
TSC TRUMPOWER-TSC Datasheet
15Kb / 1P
DC/DC CONVERTERS
logo
Automatic Timing & Cont...
TSC ATC-TSC Datasheet
305Kb / 1P
ON-Delay Solid State Output
logo
List of Unclassifed Man...
TSC-075S035DT ETC2-TSC-075S035DT Datasheet
660Kb / 3P
Dimmable LED Drivers
TSC-075S035ST ETC2-TSC-075S035ST Datasheet
660Kb / 3P
Dimmable LED Drivers
More results

Similar Description - TSC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419130-1 MACOM-2-1419130-1 Datasheet
128Kb / 2P
TSC SPECIAL TYPE
2-1419130-3 MACOM-2-1419130-3 Datasheet
128Kb / 2P
TSC SPECIAL TYPE
2-1419130-4 MACOM-2-1419130-4 Datasheet
128Kb / 2P
TSC SPECIAL TYPE
2-1419130-8 MACOM-2-1419130-8 Datasheet
128Kb / 2P
TSC SPECIAL TYPE
logo
Panasonic Semiconductor
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
ZNR Transient/Surge Absorbers
logo
Tyco Electronics
1461185 MACOM-1461185 Datasheet
128Kb / 2P
TSC SPECIAL TYPE
logo
Panasonic Semiconductor
ERZ-VA9V221 PANASONIC-ERZ-VA9V221 Datasheet
421Kb / 20P
?쏾NR??Transient/Surge Absorbers
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
?쏾NR??Transient/Surge Absorbers
logo
StarHope
TVS-TSC12U SPSEMI-TVS-TSC12U Datasheet
174Kb / 5P
TSC(720W) Series
logo
Panasonic Semiconductor
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
ZNR Transient/Surge Absorbers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com