Electronic Components Datasheet Search
  English  ▼

X  

B65517 Datasheet(PDF) 2 Page - EPCOS

Part # B65517
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65517 Datasheet(HTML) 2 Page - EPCOS

  B65517 Datasheet HTML 1Page - EPCOS B65517 Datasheet HTML 2Page - EPCOS B65517 Datasheet HTML 3Page - EPCOS B65517 Datasheet HTML 4Page - EPCOS B65517 Datasheet HTML 5Page - EPCOS B65517 Datasheet HTML 6Page - EPCOS B65517 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ferrites and accessories
P 9 x 5, core and accessories
B65517, B65518, B65522, B65524
September 2011
Please read Cautions and warnings and
Page 2 of 7
Important notes at the end of this document
.
Core
Standard: to IEC 60133
Delivery mode: sets
Magnetic characteristics
with center
hole
without
center hole
Σl/A
le
Ae
Amin
Ve
1.25
12.5
10
—
125
1.13
13.4
11.9
9.3
159
mm-1
mm
mm2
mm2
mm3
Approx. weight (per set)
with center
hole
without
center hole
m
0.8
1.0
g
FPK0356-F
ø2+0.1
0.3
5.8 _
0.2
ø3.9 _
M1.4
Dimensions in mm
Gapped
Material
AL value
nH
s
approx
mm
μe
Ordering code1
- D with center hole
- T with threaded sleeve
K1
25
3%
40
3%
0.45
0.26
25
40
B65517+0025A001
B65517+0040A001
M33
63
0.20
63
B65517D0063A033
N48
100
3%
160
3%
200
3%
250
3%
0.10
0.06
0.04
0.03
100
159
200
249
B65517+0100A048
B65517+0160A048
B65517D0200A048
B65517D0250J048
Ungapped
Material
AL value
nH
μe
Ordering code
- D with center hole
- T with threaded sleeve
N48
1300 +30/-20%
1290 B65517D0000R048
N30
2500 +30/-20%
2490 B65517D0000R030
T38
5500 +40/-30%
4930 B65517W0000Y038
1 Replace + by D or T for required version



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com