Electronic Components Datasheet Search
  English  ▼

X  

FSO461 Datasheet(PDF) 1 Page - XP Power Limited

Part # FSO461
Description  Filter & Surge Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FSO461 Datasheet(HTML) 1 Page - XP Power Limited

  FSO461 Datasheet HTML 1Page - XP Power Limited FSO461 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Input Voltage Range
• See Models & Ratings table
Input Transient
• ±250 V for 70 μs 2 J,
100 V for 50 ms 0.5
Ω
per MIL-STD-1275A-E
Input Reverse Voltage • Continuous
Protection
Fuse Protection
• None
Output
Output Voltage
• Tracks input voltage & clamps <36 VDC
Output Power
• See Models & Ratings table
Output Module Inhibit • Open collector transistor rated
(INH)
70 VDC with 5 mA sink current referenced
to -Vin/-Vout.
When the output current is:
>4 A: DSF100, >7.77 A : DSF200LV
>28 A: DSF500 then the INH pin is pulled
logic low.
This can be used to inhibit downstream
DC-DC converters and reduce the load on
the filter. When the output current is lower
than above the INH pin is logic high.
Overtemperature
• Shuts down output by pulling disable pin
Protection
low when baseplate >100 °C. Typical
hysteresis 5 °C auto recovery
Specification
Filter & Surge Protection
•
Up to 28 A Output Current
•
Up to 500 W Output Power
•
Active Surge Protection
•
MIL-STD 461 and DEF-STAN 59-411
•
MIL-STD 1275 and DEF-STAN 61-5
•
MIL-STD 810
•
3 Year Warranty
DSF/FSO Series
xppower.com
General
Efficiency
• See Table
Isolation Voltage
• 500 VDC Input & Output to Case
Series Resistance
• 0.07
Ω DSF100, 0.26 Ω DSF200LV,
0.018
Ω DSF500, 0.013 Ω FS0461
Disabled Input Current • 25 mA
Disable (DIS)
• On=open circuit or up to 40V
Off=short circuit or <1V
No Load Current
• 75 mA
Package Style
• Photo-etched nickel-silver case &
aluminium cooling baseplate
MTBF
• DSF100: 2496 kHrs,
DSF200LV: 2218 kHrs,
DSF500: 573 kHrs,
FSO461: 8737 kHrs,
to MIL-HDBK-217F at 40 °C, GB
Environmental
Operating Temperature • -40 °C to +100 °C baseplate
Storage Temperature
• -55 °C to +100 °C
Salt Atmosphere
• MIL-STD-810G method 509.4
Humidity
• MIL-STD-810G 507.4
Altitude
• MIL-STD-810G 500.4
Shock
• MIL-STD-810G 516.5 function test for
ground equipment 40 g in 3 axes
Vibration
• MIL-STD-810G method 514.5C-17.
Minimum integrity test for military
equipment (1 Hr/axis, 3 axes).
Vibration 5-33 Hz, 0.5 mm displacement
EMC & Safety
Safety Approvals
• CE marked LVD
Immunity
• MIL-STD-1275A-E, MIL-STD-461E/F/G
(CS101, CS114, CS115 & CS116)
MIL-STD-704A, DEF-STAN 61-5 part 6 issue 5
Contact Sales when DEF-STAN-61-5 part 6
issue 6 is required
EMC Performance
• DSF100 & DSF200LV: MIL-STD 461E/F
CE102 & DEF STAN 59-411 DCE01/DCE02
is achieved with external components.
DSF500: Compliance to MIL-STD 461E/F/G
CE102 & DEF STAN 59-411 DCE01/DCE02
is achieved when used in conjuction
with FS0461. See longform datasheet for
more information.


Similar Part No. - FSO461

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FSO461 XPPOWER-FSO461 Datasheet
326Kb / 2P
Up to 28 A Output Current
More results

Similar Description - FSO461

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FS-LB-I PF-FS-LB-I Datasheet
642Kb / 4P
Surge Protection Barrier
P-LB-1.A.13 PF-P-LB-1.A.13 Datasheet
799Kb / 4P
Surge Protection Barrier
P-LB-1.B.12 PF-P-LB-1.B.12 Datasheet
803Kb / 4P
Surge Protection Barrier
P-LB-1.C.123 PF-P-LB-1.C.123 Datasheet
812Kb / 4P
Surge Protection Barrier
P-LB-1.D.1234 PF-P-LB-1.D.1234 Datasheet
816Kb / 4P
Surge Protection Barrier
P-LB-2.D.123456 PF-P-LB-2.D.123456 Datasheet
826Kb / 4P
Surge Protection Barrier
K-LB-1.30 PF-K-LB-1.30 Datasheet
666Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-1.6G PF-K-LB-1.6G Datasheet
667Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-2.6 PF-K-LB-2.6 Datasheet
669Kb / 4P
Surge Protection Barrier
2022-01-12
logo
Eaton All Rights Reserv...
SG13309 EATON-SG13309 Datasheet
1Mb / 36P
Surge Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com