Electronic Components Datasheet Search
  English  ▼

X  

B65522 Datasheet(PDF) 4 Page - EPCOS

Part # B65522
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65522 Datasheet(HTML) 4 Page - EPCOS

  B65522 Datasheet HTML 1Page - EPCOS B65522 Datasheet HTML 2Page - EPCOS B65522 Datasheet HTML 3Page - EPCOS B65522 Datasheet HTML 4Page - EPCOS B65522 Datasheet HTML 5Page - EPCOS B65522 Datasheet HTML 6Page - EPCOS B65522 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ferrites and accessories
P 9 x 5, core and accessories
B65517, B65518, B65522, B65524
September 2011
Please read Cautions and warnings and
Page 4 of 7
Important notes at the end of this document
.
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F ≙ max. operating temperature +155 °C), color code black;
Sumika Super E4008 [E54705], Sumitomo Chemicals Co. LTD
Solderability: to IEC 60068-2-58, test Td, method 6 (Group 3): +245 °C, 3s
Resistance to soldering heat: to IEC 60068-2-58, test Td, method 6 (Group 3):
+255°C, 10 s; Permissible soldering temperature for wire-wrap connection on
coil former: +400 °C, 1 s
Winding:
see Data Book 2007, chapter “Processing notes”
Sections
AN
mm2
IN
mm
AR value
μΩ
Terminals
Ordering code
1
3.4
3.4
19.2
19.2
194
194
4
8
B65524C1004T001
B65524C1008T001
In the 4-terminal version, terminals 2, 3, 6 and 7 are omitted.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com