Electronic Components Datasheet Search
  English  ▼

X  

239 Datasheet(PDF) 1 Page - Walther-Werke

Part # 239
Description  Plugs IP 44 and IP 67
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALTHER [Walther-Werke]
Direct Link  http://www.walther-werke.de/
Logo WALTHER - Walther-Werke

239 Datasheet(HTML) 1 Page - Walther-Werke

  239 Datasheet HTML 1Page - Walther-Werke 239 Datasheet HTML 2Page - Walther-Werke  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part numbers
400 V
50 a. 60 Hz
3pole 4pole 5pole
9h
6h
6h
500 V
50 a. 60 Hz
3pole 4pole 5pole
7h
7h
7h
>
50 - 500 V
100 -
300 Hz
3pole 4pole 5pole
10h 10h 10h
>
50 - 500 V
over 300 -
500 Hz
3pole 4pole 5pole
2h
2h
2h
g
3
2 P + E
4
3 P + E 3 P + N + E
5
110 V
50 a. 60 Hz
3pole 4pole pole
4h
4h
4h
230 V
50 a. 60 Hz
3pole 4pole 5pole
6h
9h
9h
14
Availability of blue printed (or not listed)
frequencies and voltages up to 690 V
on request!
Other voltages and frequencies on request.
Part numbers in bold letters are standard versions.
16
4
210 406 DF
10
144
16
5
210 DF
10
173
32
4
230 406 DF
10
198
32
5
230 DF
10
241
63
4
260 406 DF
10
603
63
5
260 DF
5
685
for voltage ranges
of 110 V - 690 V
Phase sequence control plugs
IP 44
Phase inverters
IP 44, with flexible cable entry
16
5
210 PH
10
180
16
5
210 PHNI (with nickel plated contacts+glass-fibre reinforced enclosure) 10
183
32
5
230 PH
10
257
32
5
230 PHNI (with nickel plated contacts+glass-fibre reinforced enclosure) 10
264
16
5
211 PH
10
174
16
5
211 PHNI (with nickel plated contacts+glass-fibre reinforced enclosure) 10
180
32
5
231 PH
10
245
32
5
231 PHNI (with nickel plated contacts+glass-fibre reinforced enclosure) 10
257
Phase inverters
IP 44, with gland entry
Plugs IP 44
and IP 67
IEC/EN 60 309
Plugs
IP 67, with gland entry
16
5
219 NI
10
199
32
5
239 NI
10
286
63
5
269 NI
5
771
125 5
279 NI
2 1473
63
3
269 304
269 306
269 309
5
501
63
4
269 404
269 409
269 406
269 407
269 410
269 402
5
623
63
5
269 504
269 509
269
5
668
125 3
279 304
279 306
279 309
2 1185
125 4
279 404
279 409
279 406
279 407
279 410
279 402
2 1329
125 5
279 504
279 509
279
2 1473
plugs
IP 44, angled, back part RAL 7035 light grey
16
3
216 304
216 306
216 309
10
106
16
4
216 404
216 409
216 406
216 407
216 410
216 402
10
150
16
5
216 504
216 509
216
10/60
163
32
3
236 304
236 306
236 309
10
214
32
4
236 404
236 409
236 406
236 407
236 410
236 402
10
230
32
5
236 504
236 509
236
10
251
230DF
230 PH
231 PH
269
236
Plugs
IP 67, with screw terminals or as screwless SL version with insulation displacement technique
16
3
219 304
219 306
219 309
(with gland entry and screw terminals)
10
133
16
4
219 404
219 409
219 406
219 407
219 410
219 402
10
212
16
5
219 504
219 509
219
10
236
32
3
239 304
239 306
239 309
10
290
32
4
239 404
239 409
239 406
239 407
239 410
239 402
10
300
32
5
239 504
239 509
239
10
340
219306
239
▲
gland entry
cable
►
gland
new
design
All red marked plugs come with new design and cable gland. Additionally these are also available as
screwless version with
IDC insulation displacement connection. To order a plug as screwless version, just add „
SL“ to the part number, e.g. 219SL.
2
(with nickel plated contacts and
glass-fibre reinforced enclosure)


Similar Part No. - 239

ManufacturerPart #DatasheetDescription
logo
Littelfuse
239 LITTELFUSE-239 Datasheet
162Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
logo
WAGO Kontakttechnik Gmb...
239 WAGO-239 Datasheet
1Mb / 1P
Modular Terminal Blocks with Screw-Clamp Connection,Pin Spacing 10 mm / 0.394 in; Series 239
logo
France Joint
239 FRANCEJOINT-239 Datasheet
336Kb / 2P
ROD SEALS
logo
Littelfuse
239 LITTELFUSE-239 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
239 ADAFRUIT-239 Datasheet
75Kb / 1P
Full sized breadboard
5-5-17
More results

Similar Description - 239

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0032 MOLEXKITS-76650-0032 Datasheet
39Kb / 3P
Dual Row Sealed Plug and Receptacle, IP-67
76650-0144 MOLEXKITS-76650-0144 Datasheet
39Kb / 3P
Circular Sealed Plug and Receptacle, IP-67
logo
List of Unclassifed Man...
09674095615 ETC2-09674095615 Datasheet
665Kb / 26P
Waterproof subminiature D IP 67 connectors
logo
Switchcraft, Inc.
DCCHD15F SWITCH-DCCHD15F Datasheet
1Mb / 2P
Sealed D-sub (IP-67)
logo
Laird Tech Smart Techno...
TRA3513 LSTD-TRA3513 Datasheet
528Kb / 2P
Rugged design is IP-67 rated
logo
Schurter Inc.
0031.2320 SCHURTER-0031.2320 Datasheet
222Kb / 2P
Caps to Holder FUL (IP 67)
19.08.2020
CAPSTOFUL SCHURTER-CAPSTOFUL Datasheet
222Kb / 2P
Caps to Holder FUL (IP 67)
19.08.2020
CAPSTOFUL SCHURTER-CAPSTOFUL_V01 Datasheet
221Kb / 2P
Caps to Holder FUL (IP 67)
04.01.2022
logo
ETA-USA
HZD500-12SX ETA-USA-HZD500-12SX Datasheet
292Kb / 5P
IP 67 Outdoor/ With Mountable Heatsink
logo
FIBOX Enclosing innovat...
3541564 FIBOX-3541564 Datasheet
42Kb / 1P
Ventilation device IP 44
17.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com