Electronic Components Datasheet Search
  English  ▼

X  

SII4723 Datasheet(PDF) 2 Page - Silicon image

Part # SII4723
Description  SATA to 2-Port 3Gb/s SATA SteelVine Storage Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII4723 Datasheet(HTML) 2 Page - Silicon image

  SII4723 Datasheet HTML 1Page - Silicon image SII4723 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I2C
Host Port
I2C
Device Port
Device Port
Enclosure
Management
Logic
SteelVine
Storage
Processor
EEPROM
Logic
ATA Emulation
Mapping & Error Handling
SATA Layers
RAID & Virtualization
SATA Layers & FIFOs
©2005 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, MSL, SATALink, the SATALink
logo, SteelVine, the SteelVine logo, SiI, SiI 4723, SiI 3124 and SiI 3132 are trademarks or registered trademarks of
Silicon Image, Inc. in the United States and other countries. Other trademarks are property of their respective
holders. Product specifications are subject to change without notice. Printed in the U.S.A. SiI PB- 0062, Rev. 2 (8/05)
Silicon Image, Inc.
1060 E. Arques, Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com
SiI 4723 Features
SATA to 2-Port 3Gb/s SATA
SteelVine Storage Processor
Host Port Features
• Supports one SATA host port, 3Gb/s
• Hot-plug support
• Tunneling mode for HDD firmware download
• Supports Asynchronous Notification
• SATA Port Multiplier spec. complaint
• Supports PM-aware host and non-PM aware
• Four detailed system/host status LEDs
• eSATA signal level support
(1m and 2m PHY complaint)
Device Port Features
• Two SATA device ports, 3Gb/s
• Complete SATA Port Multiplier function
• Hot Plug support
• Compatible with SATA NCQ drives
• Two LEDs for detailed status per port
• eSATA signal level support
(1m and 2m PHY complaint)
Data Protection Features
• Automatic-Mirroring (RAID 1 mode)
• Self-healing data storage (Auto-Rebuild)
• Power-failure resume (Auto-Rebuild-Resume)
• Double protection (Auto-Rebuild-Verify)
• Minimizes Down Time (Automatic-Failover)
• 0% host CPU loading during rebuild
• Fast rebuild of 100GB/hour
• Automatic Configuration
RAID Level Modes
• FAST/RAID 0
• SAFE/RAID 1
• BIG/Spanning
• JBOD/Port Multiplier
System Features
• Works without GUI (LEDs and Jumpers)
• Works without driver or agent running
• Works without BIOS updates
• System/host status LEDs (four)
• Drive-failure alarm status pin
• Configuration pins for RAID mode changes
• Enclosure management bus (I
2C bus)
• Drive Performance Aggregation (RAID 0)
• Supports automatic bad sector remapping
• OS-agnostic operation
• Maximum of 4 hard drives*
• Bootable array and stagger spin-ups
• Mandatory SMART commands support
• ATAPI device support in PM mode
• Max. performance greater than 110MBps
(RAID 0)
• Spread spectrum clocking w/SSC clock
• Event logging from GUI
• Remote monitoring and management
• Email notification**
• Manage multiple devices via GUI
• Field-upgradeable firmware
• Drive roaming on device ports
• 16 programmable GPIOs
• JTAG boundary scan and BIST support
Added Features with
PM-Aware Host
When the SiI 4723 is used with a PM-aware
host it can support the following additional
features:
• JBOD/Port Multiplier requires PM-aware
host
• Multi-Arrays per drive with PM-aware host
• Drive splitting with PM-aware hosts
• Mirror splitting or Multi-RAID partitions
• Maximum of 4 hard drives*
Power and Package
• 364 HSBGA
• 1.5 Watts (typical)
• CMOS 0.18um
Hardware and OS Support
• SiI 4723 reference design board (PB4723001)
• Windows XP, 2000, 2003, and Mac OS 10.3 /
10.4, and Linux RedHat, Fedora, SuSE 9.0 or
later (see website for more updated OS support)
Documentation and Software
Development Kit (CP4723001)
• SiI 4723 data sheet
• PB 4723 functional specification
• PB 4723 reference board schematics/
design files
• Mgmt Graphical User Interface (GUI) Applet
• API programmers guide for custom GUI
developers
• DOS HDD firmware download utility
• SiI 4723 firmware download utility
• Example XML configuration scripts
* Requires three SiI 4723 devices, and each secondary
device must be in a virtual mode.
**Coming soon
34874_Simage 4723_0810.qxd
8/31/05
13:04
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com