Electronic Components Datasheet Search
  English  ▼

X  

PSG91121 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG91121
Description  Patch Lead CAT 6A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91121 Datasheet(HTML) 1 Page - Pro-Signal

  PSG91121 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
30/05/16
Patch Lead CAT 6A
Description
Designed for high speed Gigabit networks
Ideal for use in EMI environments such as factories, data centres and hospitals
Description
Length
Colour
Part Number
Patch Lead CAT 6A, STP, LSOH
0.2m
Black
PSG90859
Patch Lead CAT 6A, STP, LSOH
Grey
PSG90860
Patch Lead CAT 6A, STP, LSOH
Blue
PSG90861
Patch Lead CAT 6A, STP, LSOH
Yellow
PSG90862
Patch Lead CAT 6A, STP, LSOH
Green
PSG90863
Patch Lead CAT 6A, STP, LSOH
Red
PSG90864
Patch Lead, CAT 6A, LSOH
15m
Black
PSG91120
Patch Lead, CAT 6A, LSOH
20m
Black
PSG91121
Patch Lead, CAT 6A, LSOH
15m
Grey
PSG91122
Patch Lead, CAT 6A, LSOH
20m
Grey
PSG91123
Patch Lead, CAT 6A, LSOH
15m
Blue
PSG91124
Patch Lead, CAT 6A, LSOH
20m
Blue
PSG91125
Patch Lead, CAT 6A, LSOH
15m
Yellow
PSG91126
Patch Lead, CAT 6A, LSOH
Green
PSG91127
Patch Lead, CAT 6A, LSOH
Red
PSG91128
Part Number Table
Features:
• Screened shielded twisted pair (SSTP), 26 AWG
• Stranded, snagless design
• Low smoke, zero halogen
• Flush moulded strain reliefs
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - PSG91121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSG91110 ETC2-PSG91110 Datasheet
224Kb / 1P
Non-rechargeable Alkaline Battery LR03/AAA Size
PSG91112 ETC2-PSG91112 Datasheet
202Kb / 1P
Non-rechargeable Alkaline Battery LR14 /C Size
PSG91163 ETC-PSG91163 Datasheet
256Kb / 1P
USB 3.1 Cable Assembly
06/04/20 V1.0
PSG91171 ETC-PSG91171 Datasheet
809Kb / 1P
USB3. 0 AM/AM
2014-11-13
PSG91198 ETC-PSG91198 Datasheet
1Mb / 1P
USB2.0 CM TO AM CABLE L=1M
2015.05.13
More results

Similar Description - PSG91121

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSP-80050-Y-R ASSMANN-A-MCSP-80050-Y-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80100-G-R ASSMANN-A-MCSP-80100-G-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSSP60005-B-R ASSMANN-A-MCSSP60005-B-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60005-G-R ASSMANN-A-MCSSP60005-G-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60010-B-R ASSMANN-A-MCSSP60010-B-R Datasheet
61Kb / 1P
CAT.6SFTP PATCH CABLE
A-MCSSP60030-G-R ASSMANN-A-MCSSP60030-G-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60050-R ASSMANN-A-MCSSP60050-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60070-B-R ASSMANN-A-MCSSP60070-B-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
logo
List of Unclassifed Man...
PS11001 ETC1-PS11001 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
logo
Glenair, Inc.
963-003 GLENAIR-963-003 Datasheet
172Kb / 1P
Avionic Cat 6a Ethernet Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com