Electronic Components Datasheet Search
  English  ▼

X  

PR01 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 2Page - Vishay Siliconix PR01 Datasheet HTML 3Page - Vishay Siliconix PR01 Datasheet HTML 4Page - Vishay Siliconix PR01 Datasheet HTML 5Page - Vishay Siliconix PR01 Datasheet HTML 6Page - Vishay Siliconix PR01 Datasheet HTML 7Page - Vishay Siliconix PR01 Datasheet HTML 8Page - Vishay Siliconix PR01 Datasheet HTML 9Page - Vishay Siliconix PR01 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 10-Sep-15
6
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PR02 Temperature rise (
T) at the lead end (soldering point) as a
function of dissipated power at various lead lengths after mounting.
PR03 Temperature rise (
T) at the lead end (soldering point) as a
function of dissipated power at various lead lengths after mounting.
PR03 Temperature rise (
T) at the lead end (soldering point) as a
function of dissipated power at various lead lengths after mounting.
PR03 Temperature rise (
T) at the lead end (soldering point) as a
function of dissipated power at various lead lengths after mounting.
ΔT
(K)
P (W)
15 mm
20 mm
25 mm
80
0
20
40
60
0
1.8
2.2
0.6
0.2 0.4
0.8
1.2
1.6
2.0
1.4
1.0
Ø 0.78 mm FeCu-leads
Minimum distance from resistor body to PCB = 1 mm
Ø 0.78 mm Cu-leads
Minimum distance from resistor body to PCB = 1 mm
100
01
3
0
2
20
40
60
80
∆T
(K)
P (W)
15 mm
20 mm
25 mm
Ø 0.58 mm FeCu-leads
Minimum distance from resistor body to PCB = 1 mm
01
3
2
ΔT
(K)
P (W)
15 mm
10 mm
20 mm
25 mm
80
0
20
40
60
Ø 0.78 mm FeCu-leads
Minimum distance from resistor body to PCB = 1 mm
0
1.6
3.2
2.4
0.8
ΔT
(K)
P (W)
15 mm
20 mm
80
0
20
40
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com