Electronic Components Datasheet Search
  English  ▼

X  

PSP Datasheet(PDF) 4 Page - YAGEO Corporation

Part # PSP
Description  Fiberglass Cement Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PSP Datasheet(HTML) 4 Page - YAGEO Corporation

  PSP Datasheet HTML 1Page - YAGEO Corporation PSP Datasheet HTML 2Page - YAGEO Corporation PSP Datasheet HTML 3Page - YAGEO Corporation PSP Datasheet HTML 4Page - YAGEO Corporation PSP Datasheet HTML 5Page - YAGEO Corporation PSP Datasheet HTML 6Page - YAGEO Corporation PSP Datasheet HTML 7Page - YAGEO Corporation PSP Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.yageo.com
Nov. 29, 2024 V.2
Fiberglass Cement Resistors
4
8
Product Specification
PSP
Through Hole Resistors
TABLE I TEMPERATURE COEFFICIENT
TYPE
TEMP. COEFFICIENT ±400 PPM/ °C
TEMP. COEFFICIENT ±100 PPM/ °C
PSP400
≤0.2Ω
≥0.22Ω
PSP500
≤0.3Ω
≥0.33Ω
PSP700
≤0.68Ω
≥0.75Ω
PSP7WS
≤0.3Ω
≥0.33Ω
PSP900
≤0.68Ω
≥0.75Ω
PSP11A
≤1Ω
≥1.1Ω
PSP17A
≤1.6Ω
≥1.8Ω
TEST AND REQUIRMENTS
TEST
TEST METHOD
PROCEDURE
APPRAISE
Short Time Overload
IEC 60115-1 4.13
10 times rated power for 5 sec.
±2.0%+0.05Ω
Voltage Proof on
Insulation
IEC 60115-1 4.7
In V-Block for 60 sec. test voltage as
above table
No Breakdown
Temperature Coefficient
IEC 60115-1 4.8
Between -55°C to +155°C
By Type
Insulation Resistance
IEC 60115-1 4.6
In V-Block for 60 sec.
>10,000MΩ
Solderability
IEC 60115-1 4.17
245±5°C for 3±0.5 Sec.
95% Min. coverage
Solvent Resistance of
Marking
IEC 60115-1 4.30
IPA for 5±0.5 Min. with ultrasonic
No deterioration of
coatings and markings
Robustness of
Terminations
IEC 60115-1 4.16
Direct load for 10 Sec. in the direction of
the terminal leads
≥50N
Periodic-pulse Overload
IEC 60115-1 4.39
4 times RCWV 10,000 cycles (1 Sec. on,
25 Sec.off)
±2.0%+0.05Ω
Damp Heat Steady State
IEC 60115-1 4.24
40±2°C,90-95% RH for 56 days, loaded
with 0.1 times RCWV
±2.0%+0.05Ω
Endurance at 70°C
IEC 60115-1 4.25
70±2°C at RCWV(or Umax., whichever
less) for 1,000 Hr.(1.5 Hr.on,0.5 Hr. off)
±3.0%+0.05Ω
Temperature Cycling
IEC 60115-1 4.19
-55°C  Room Temp. 
+155°C Room Temp.(5 cycles)
±2.0%+0.05Ω
Resistance to Soldering
Heat
IEC 60115-1 4.18
260±3°C for 10±1 Sec., immersed to a
point 3±0.5mm from the body
±1.0%+0.05Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com