Electronic Components Datasheet Search
  English  ▼

X  

RSF Datasheet(PDF) 2 Page - YAGEO Corporation

Part # RSF
Description  Metal Oxide Film Resistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RSF Datasheet(HTML) 2 Page - YAGEO Corporation

  RSF Datasheet HTML 1Page - YAGEO Corporation RSF Datasheet HTML 2Page - YAGEO Corporation RSF Datasheet HTML 3Page - YAGEO Corporation RSF Datasheet HTML 4Page - YAGEO Corporation RSF Datasheet HTML 5Page - YAGEO Corporation RSF Datasheet HTML 6Page - YAGEO Corporation RSF Datasheet HTML 7Page - YAGEO Corporation RSF Datasheet HTML 8Page - YAGEO Corporation RSF Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.yageo.com
Apr. 01, 2024 V.4
Metal Oxide Film Resistors
2
18
Product Specification
RSF
Through Hole Resistors
APPLICATIONS
All general purpose
applications
Power applications
FEATURES
Wide resistance range
High stability
Flameproof coating equivalent
to UL-94V-0
RoHS compliant and halogen
free
ORDERING INFORMATION
Part number of the metal oxide film resistor is identified by the series,
power rating, tolerance, packing, temperature coefficient, forming and
resistance value.
PART NUMBER
RSF
100
J
T
-
73-
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES
RSF Series
(2) POWER RATING
-50 = 1/2W
1WS = 1W
100 = 1W
2WS = 2W
200 = 2W
3WM = 3W
3WS = 3W
300 = 3W
5WS = 5W
5SS = 5W
500 = 5W
(3) TOLERANCE
G = ±2%
J = ±5%
(4) PACKAGING
R = Reel Pack
T = Box Pack
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
- = Based on spec.
(6) FORMING
26- = 26mm
52- = 52.4mm
73- = 73mm
91- = 91mm
M = M-Type Forming
MB = M-form W/flat
F = F Type
FFK = F-form Kink
FKK = FKK Type
FT = FT Type Forming
MT = MT Type Forming
PN = PANAsert
AV = AVIsert
FK = FK Type
Note: 26mm,52.4mm,73mm and 91mm represent dimension A of the axial
type, please refer to the category of AXIAL/REEL TAPE SPECIFICATION for
the detail.
(7) RESISTANCE VALUE
E24 Series
Example:
1R=1Ω, 100R= 100Ω, 1K = 1,000Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com