Electronic Components Datasheet Search
  English  ▼

X  

SN74AS885 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AS885
Description  8-BIT MAGNITUDE COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AS885 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AS885 Datasheet HTML 1Page - Texas Instruments SN74AS885 Datasheet HTML 2Page - Texas Instruments SN74AS885 Datasheet HTML 3Page - Texas Instruments SN74AS885 Datasheet HTML 4Page - Texas Instruments SN74AS885 Datasheet HTML 5Page - Texas Instruments SN74AS885 Datasheet HTML 6Page - Texas Instruments SN74AS885 Datasheet HTML 7Page - Texas Instruments SN74AS885 Datasheet HTML 8Page - Texas Instruments SN74AS885 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN54AS885, SN74AS885
8-BIT MAGNITUDE COMPARATORS
SDAS236A – DECEMBER 1982 – REVISED JANUARY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
OUTPUTS
COMPARISON
L/A
DATA
P0 – P7,
Q0 – Q7
P > QIN
P < QIN
P > QOUT
P < QOUT
Logical
H
P > Q
X
X
H
L
Logical
H
P < Q
X
XL
H
Logical†
H
P = Q
H or L
H or L
H or L
H or L
Arithmetic
L
P AG Q
X
XH
L
Arithmetic
L
Q AG P
X
XL
H
Arithmetic†
L
P = Q
H or L
H or L
H or L
H or L
† In these cases, P > QOUT follows P > QIN and P < QOUT follows P < QIN.
AG = arithmetically greater than
logic symbol‡
C1
23
PLE
M [ARITH, 2s COMP]
1D
15
P0
16
P1
17
P2
18
P3
>
3
P > QIN
<
2
P < QIN
P > QOUT
13
P > Q
P < QOUT
14
P < Q
19
P4
20
P5
21
P6
22
P7
0
11
Q0
10
Q1
9
Q2
8
Q3
7
Q4
6
Q5
5
Q6
7
4
Q7
M [LOGIC]
1
COMP
1=0 0
7
P
Q
L/A
‡ This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the DW, JT, and NT packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com