Electronic Components Datasheet Search
  English  ▼

X  

XC25BS6 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC25BS6
Description  Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS6 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC25BS6_1 Datasheet HTML 1Page - Torex Semiconductor XC25BS6_1 Datasheet HTML 2Page - Torex Semiconductor XC25BS6_1 Datasheet HTML 3Page - Torex Semiconductor XC25BS6_1 Datasheet HTML 4Page - Torex Semiconductor XC25BS6_1 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
XC25BS6 Series
PARAMETER
SYMBOL
RATINGS
UNITS
Supply Voltage
VDD
VSS -0.3 ~ VSS +7.0
V
CE Pin Voltage
VCE
VSS -0.3 ~ VDD +0.3
V
Q0 Pin Voltage
VQ0
VSS -0.3 ~ VDD +0.3
V
Q0 Output Current
IQ0
±
50
mA
Power Dissipation
Pd
150 **
mW
Operating Temperature Range
Topr
-40 ~ +85
℃
-65 ~ +150 (Chip Form)
Storage Temperature Range
Tstg
-55 ~ +125 (SOT-26)
℃
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
128
: 128 divider
256
: 256 divider
512
: 512 divider
①②③
Divider Ratio
A24
: 1024 divider
C
: Chip form
W
: Wafer form
④
Package
M
: SOT-26
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
T
: Chip Tray
⑤
Device Orientation:
W
: Wafer
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC25BS6 ①②③④⑤
■
TYPICAL APPLICATION CIRCUIT
■
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
** SOT-26 package, when implemented on a glass epoxy PCB.
■
WIRE BONDING CONNECTION
* There are two VSS pads and VDD pads.
Please connect both VSS pads to GND, and connect both VDD pads to a power supply.
* Please use oscillation capacitors Cg, Cd =10pF externally
* The same power supply can be used for VDD and CE.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com