Electronic Components Datasheet Search
  English  ▼

X  

XC61F Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC61F
Description  Voltage Detectors, Delay Circuit Built-In
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61F Datasheet(HTML) 4 Page - Torex Semiconductor

  XC61F Datasheet HTML 1Page - Torex Semiconductor XC61F Datasheet HTML 2Page - Torex Semiconductor XC61F Datasheet HTML 3Page - Torex Semiconductor XC61F Datasheet HTML 4Page - Torex Semiconductor XC61F Datasheet HTML 5Page - Torex Semiconductor XC61F Datasheet HTML 6Page - Torex Semiconductor XC61F Datasheet HTML 7Page - Torex Semiconductor XC61F Datasheet HTML 8Page - Torex Semiconductor XC61F Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
XC61F Series
■
OPERATIONAL EXPLANATION
●
CMOS output
①
When a voltage higher than the release voltage (VDR) is applied to the voltage input pin (VIN), the voltage will
gradually fall. When a voltage higher than the detect voltage (VDF) is applied to VIN, output (VOUT) will be equal to the
input at VIN.
Note that high impedance exists at VOUT with the N-channel open drain configuration. If the pin is pulled up, VOUT will
be equal to the pull up voltage.
②
When VIN falls below VDF, VOUT will be equal to the ground voltage (VSS) level (detect state). Note that this also
applies to N-channel open drain configurations.
③
When VIN falls to a level below that of the minimum operating voltage (VMIN ) output will become unstable. Because
the output pin is generally pulled up with N-channel open drain configurations, output will be equal to pull up voltage.
④
When VIN rises above the VSS level (excepting levels lower than minimum operating voltage), VOUT will be equal to
VSS until VIN reaches the VDR level.
⑤
Although VIN will rise to a level higher than VDR, VOUT maintains ground voltage level via the delay circuit.
⑥
Following transient delay time, VIN will be output at VOUT. Note that high impedance exists with the N-channel open
drain configuration and that voltage will be dependent on pull up.
●
Timing Chart
Notes:
1. The difference between VDR and VDF represents the hysteresis range.
2. Propagation delay time (tDLY) represents the time it takes for VIN to appear at VOUT once the said voltage has
exceeded the VDR level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com